Electronic Components Datasheet Search
  English  ▼

X  

RT5133AWSC Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT5133AWSC
Description  Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5133AWSC Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT5133AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
RT5133A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5133A-00
March
2022
8
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Logic-Low Threshold
Voltage for All Inputs
VIL
Logic low threshold
--
--
0.4
V
VDDA Under-Voltage
Protection Rising
Threshold
VDDA_UVP_RISE
VDDA rising
2.7
2.8
2.9
V
VDDA Under-Voltage
Protection Hysteresis
VDDA_UVP_HYS
VDDA falling
--
0.2
--
V
Pull-Down Ability on
HWEN
IPD_HWEN
--
1
--
A
Pull-Down Ability on
GPO1/2/3
IPD_GPO
--
1
--
A
LDO1 to 8 (LDO1 : VIO / LDO2 : VAF / LDO3/4/5/6 : AVDD / LDO7/8 : DVDD)
Input Voltage Range
VLDO_
PVIN12/3/45/6
VDDA ≥ PVIN
2.8
--
5
V
VLDO_PVIN7/8
LDO7 = 1.8V/10mA
LDO8 = 1.71V/10mA
2
--
5
VLDO_PVIN7/8
1.1
--
2
Output Voltage
Accuracy
VOUT_LDO1/2
VOUT = 1.8V, IOUT = 300mA
1
--
1
%
VOUT_
LDO3/4/5/6
VOUT = 2.8V, IOUT = 300mA
1
--
1
VOUT_LDO7
VOUT = 1.1V, IOUT = 600mA
1
--
1
VOUT_LDO8
VOUT = 1.09V, IOUT = 1000mA
1
--
1
Output Current Limit
Ioc_LDO1/2
360
--
900
mA
Ioc_LDO3/4/5/6
360
--
900
Ioc_LDO7
720
--
1800
Ioc_LDO8
1200
--
3000
Output Short Current
limit
ISHORTLIM_
LDO1/2
LDO1/2_OCFB_EN = 1
60
--
300
mA
ISHORTLIM_
LDO3/4/5/6
LDO3/4/5/6_OCFB_EN = 1
60
--
300
ISHORTLIM_LDO7 LDO7_OCFB_EN = 1
120
--
600
ISHORTLIM_LDO8 LDO8_OCFB_EN = 1
200
--
1000
Dropout Voltage
VDROP_
LDO1/2/3/4/5/6
I_LOAD1/2/3/4/5/6 = 300mA
--
--
350
mV
VDROP_LDO7
I_LOAD7 = 600mA
--
--
200
VDROP_LDO8
I_LOAD8 = 1000mA
--
--
200
Rated Load Current
(I_rated)
I_LDO1/2/3/4/5/6
I_rated ≤ 300mA
--
--
300
mA
I_LDO7
I_rated ≤ 600mA
--
--
600
I_LDO8
I_rated ≤ 1000mA
--
--
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com