Electronic Components Datasheet Search
  English  ▼

X  

RT5510 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT5510
Description  Audio Amplifier with IV Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5510 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT5510 Datasheet HTML 7Page - Richtek Technology Corporation RT5510 Datasheet HTML 8Page - Richtek Technology Corporation RT5510 Datasheet HTML 9Page - Richtek Technology Corporation RT5510 Datasheet HTML 10Page - Richtek Technology Corporation RT5510 Datasheet HTML 11Page - Richtek Technology Corporation RT5510 Datasheet HTML 12Page - Richtek Technology Corporation RT5510 Datasheet HTML 13Page - Richtek Technology Corporation RT5510 Datasheet HTML 14Page - Richtek Technology Corporation RT5510 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
RT5510
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5510-00
October
2019
www.richtek.com
11
Efficiency vs. Output Power
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
Output Power (W)
VBAT = 3.6V, RL = 8 + 33H,
100Hz input frequency
Efficiency with DVDD
Efficiency without DVDD
THD+N vs. Frequency
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
Frequency (Hz)
VBAT = 4.2V, Output Power = 4.8W,
RL = 8 + 33H
40degree
25degree
85degre
Output Power vs. Battery Supply Voltage
0.0
0.7
1.4
2.1
2.8
3.5
4.2
4.9
5.6
6.3
7.0
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
5.2
5.6
6.0
Battery Supply Voltage (V)
Adaptive mode
RL = 8 + 33H, PO at THD+N = 1%
Battery mode
Output Power vs. Battery Supply Voltage
0
1
2
3
4
5
6
7
8
9
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
5.2
5.6
6.0
Battery Supply Voltage (V)
RL = 4 + 33H, PO at THD+N = 1%
Adaptive mode
Battery mode
PSRR
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1000
10000
100000
Ripple Frequency (Hz)
VBAT = 3.6V, RL = 8 + 33H,
ripple = 200mVpp on VBAT
VBAT = 3.6V, RL = 8, + 33H, PO = 4.3W
Boost
Output
(2V/Div)
Boost Change Mode Behavior
Time (2.5ms/Div)
IVBAT
(1A/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com