Electronic Components Datasheet Search
  English  ▼

X  

RT5510 Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT5510
Description  Audio Amplifier with IV Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5510 Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT5510 Datasheet HTML 24Page - Richtek Technology Corporation RT5510 Datasheet HTML 25Page - Richtek Technology Corporation RT5510 Datasheet HTML 26Page - Richtek Technology Corporation RT5510 Datasheet HTML 27Page - Richtek Technology Corporation RT5510 Datasheet HTML 28Page - Richtek Technology Corporation RT5510 Datasheet HTML 29Page - Richtek Technology Corporation RT5510 Datasheet HTML 30Page - Richtek Technology Corporation RT5510 Datasheet HTML 31Page - Richtek Technology Corporation RT5510 Datasheet HTML 32Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
RT5510
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5510-00
October
2019
28
If battery voltage returns to a hysteresis level, ClipThres will increase by a rate of CLIPRR to a certain level which is
defined by VBCPS, CPSLP and VBAT. The battery voltage hysteresis can be set via BVHYS register.
VBAT (Thr) + BVHYS
VBAT (Thr)
CLIPRR
ClipThres
Figure 22. Clip Threshold Depend on VBAT
Hard Clipping
When Hard clip is enabled (Register 0x24 bit 8), if the digital signal is larger than HARD_CLIP_TH, the signal will be
clamped to HARD_CLIP_TH.
Table 11. Hard Clipping
Register
Bits
Bits Name
Description
0x24
8
HARD_CLIP_EN
0 : Disable hard clipping
1 : Enable hard clipping (default)
7:0
HARD_CLIP_TH
Hard clip threshold if HARD_CLIP_EN = 1
downward, 12 to
115.5dB in 0.5dB
step, (default 00000000 = 12dB)
e.g. 00000001 = 11.5dB
3dB
0dB
3dB
Clip level =
3dB
Clip level = 0dB
Clip level = 3dB
Figure 23. Signal Hard Clipping
DRE
In the signal path, the noise floor of SPK output is related to the analog gain. If decreasing the analog gain, the noise
floor decreases, and vice versa. However, increasing the digital gain will not affect the noise floor. To help
eliminating unwanted low level noise caused by analog circuit when incoming signal is below a certain threshold, a
DRE technique is used. The DRE, Dynamic Range Expansion, stands for expanding the dynamic range of a signal.
Any signal before entering analog circuit below the threshold is expanded by the specified ratio, and also the analog
end is compressed by the inverse of this ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com