Electronic Components Datasheet Search
  English  ▼

X  

RT5510 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT5510
Description  Audio Amplifier with IV Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5510 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT5510 Datasheet HTML 9Page - Richtek Technology Corporation RT5510 Datasheet HTML 10Page - Richtek Technology Corporation RT5510 Datasheet HTML 11Page - Richtek Technology Corporation RT5510 Datasheet HTML 12Page - Richtek Technology Corporation RT5510 Datasheet HTML 13Page - Richtek Technology Corporation RT5510 Datasheet HTML 14Page - Richtek Technology Corporation RT5510 Datasheet HTML 15Page - Richtek Technology Corporation RT5510 Datasheet HTML 16Page - Richtek Technology Corporation RT5510 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
RT5510
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5510-00
October
2019
www.richtek.com
13
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
5
4
3
2
1
0
7 bits Slave Address
8 bits Register Address
8 bits Data for Reg.
Address
R/W
A
A
A
6
Stop
condition
Start
condition
SDA
SCL
MSB
LSB
Figure 1. Typical I2C Format
Read and Write Function
The RT5510 single-byte data-read function format is shown in Figure 2.
Data transfer is initiated when the master device transmits a start condition: SDA is pulled low while SCL stays high,
followed by the slave address. The data is sampled when SCL rises for the first bit. The read/write bit is set to 0 to
declare the RT5510 address byte to be read. After slave device address and the read/write bit, the RT5510 device
responds an acknowledge bit. In second step, the master device sends the RT5510 internal memory address to be
read and the RT5510 responds with an acknowledge bit. Then the master device sends start condition again
followed by setting the RT5510 device address and read/write bit to 1, and the RT5510 device responds an
acknowledge bit. (Setting the read/write bit to 1 represents read internal memory address data.)
The RT5510 sends out data from the register to read. After receiving register data, the master device replies
no-acknowledge bit (SDA go high) to indicate that it has not continued to read the data. Then master device sends
stop condition (when SDA is pulled high while SCL is high) to complete the single-byte data reading function.
About read multiple data byte, the format is the same as reading a single data byte, and the only difference is the
data byte amount sent form slave device. The master device replies with an acknowledge bit after receiving each
data byte. After the RT5510 sends the last data byte, the master device replies no-acknowledge bit and transmits a
stop condition.
S
0
1
A
P
LSB
MSB
A
Assume Address = m
Data for Address = m
Data for Address = m + N - 1
A
Data for Address = m + 1
Sr
Slave Address
Register Address
Slave Address
Data 1
R/W
A
A
A
Read N bytes of data from Registers
LSB
MSB
Data 2
Data N
LSB
MSB
S
0
1
A
P
LSB
MSB
Assume Address = m
Data for Address = m
Sr
Slave Address
Register Address
Slave Address
Data
R/W
A
A
A
Read single byte of data from Register
Figure 2. Single-byte and Multiple-byte I2C Read Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com