Electronic Components Datasheet Search
  English  ▼

X  

RT6220 Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT6220
Description  6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6220 Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT6220 Datasheet HTML 10Page - Richtek Technology Corporation RT6220 Datasheet HTML 11Page - Richtek Technology Corporation RT6220 Datasheet HTML 12Page - Richtek Technology Corporation RT6220 Datasheet HTML 13Page - Richtek Technology Corporation RT6220 Datasheet HTML 14Page - Richtek Technology Corporation RT6220 Datasheet HTML 15Page - Richtek Technology Corporation RT6220 Datasheet HTML 16Page - Richtek Technology Corporation RT6220 Datasheet HTML 17Page - Richtek Technology Corporation RT6220 Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
RT6220
14
DS6220-11 July 2020
www.richtek.com
©
Copyright 2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
when input voltage drops below the UVLO-falling threshold.
The IC resumes switching when input voltage exceeds
the UVLO-rising threshold.
Over-Temperature Protection
The RT6220 features an Over-Temperature Protection
(OTP) circuitry to prevent overheating due to excessive
power dissipation. The OTP shuts down switching
operation when the junction temperature exceeds 150
°C.
Once the junction temperature cools down by
approximately 25
°C the IC resumes normal operation with
a complete soft-start. For continuous operation, provide
adequate cooling so that the junction temperature does
not exceed 150
°C. Note that the VCC regulator remains
on as the OTP is triggered.
Enable and Disable
The enable input (EN) has a logic-low level of 1.15V. When
VEN is below this level, the IC enters shutdown mode and
supply current drops to less than 5
μA (typical). Besides,
the switch-over switch is turned off and VCC LDO is also
powered off. When VEN exceeds its logic-high level (1.35V
typical), the IC is fully operational.
Soft-Start
The RT6220 provides an internal soft-start function to
prevent large inrush current and output voltage overshoot
when the converter starts up. The soft-start (SS)
automatically begins once the chip is enabled. During soft-
start, it clamps the ramp of internal reference voltage which
is compared with FB signal. And it will correct the output
voltage more accurately after soft-start. The typical soft-
start duration is 1.5ms.
Power Off
When VEN is pulled to GND or lower than the logic-low
level of 1.15V, there is an internal discharging resistor to
discharge the residual charge inside the output capacitors.
Besides, the value of discharging resistor is about twenty
ohms.
Power Good Output (PGOOD)
The power good output is an open-drain output that requires
a pull-up resistor. When the output voltage is 20% (typical)
below its set voltage, PGOOD will be pulled low. It is held
low until the output voltage returns to 90% of its set voltage
once more. During soft-start, PGOOD is actively held low
and only allowed to be pulled high after soft-start is over
and the output reaches 90% of its set voltage and the
PGOOD low to high delay(500
μs typical) has passed.
There is a 2
μs PGOOD high to low delay built into PGOOD
circuitry to prevent false triggering.
In addition, the PGOOD open drain driver is supplied by
VCC power source or VBYP pin voltage source in switch-
over mode. When converter is powered off by EN low signal,
the pull-low strength of PGOODopen drain driver decreases
after VCC voltage is lower than VCC_POR threshold (typ.
= 3.8V). As a result, the PGOOD pin is floated and pulled
up by external voltage source. In consideration of PGOOD
status after EN power off, it is recommended that
connecting PGOOD pin with a 100k
Ω resistor to VCC
(5V). DO NOT pull high to external voltage which is higher
than VCC (5V).
External Bootstrap Capacitor (CBOOT)
Connect a 0.1
μF low ESR ceramic capacitor between the
BOOT and SW pins. This bootstrap capacitor provides
the gate driver supply voltage for the high-side N-MOSFET
switch.
The internal power MOSFET switch gate driver is
optimized to turn the switch on fast enough for low power
loss and good efficiency, and slow enough to reduce EMI.
Switch turn-on is when most EMI occurs since VSW rises
rapidly. During switch turn-off, SW is discharged relatively
slowly by the inductor current during the dead-time
between high-side and low-side switch on-times. In some
cases it is desirable to reduce EMI further, at the expense
of some additional power dissipation. The switch turn-on
can be slowed by placing a small (<10
Ω) resistance
between BOOT and the external bootstrap capacitor. This
will slow the high-side switch turn-on and VSW's rise.
Setting the Output Voltage
The output voltage of the RT6220 is adjustable and with
valley control. There is an easy way to determine the output
voltage only by two resistors, R1 and R2. As the feedback
circuit shown in Figure 5. the relation of VOUT and VREF
can be derived as VOUT = (1+R1/R2) x VREF readily.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com