Electronic Components Datasheet Search
  English  ▼

X  

RT6220 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT6220
Description  6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6220 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT6220 Datasheet HTML 11Page - Richtek Technology Corporation RT6220 Datasheet HTML 12Page - Richtek Technology Corporation RT6220 Datasheet HTML 13Page - Richtek Technology Corporation RT6220 Datasheet HTML 14Page - Richtek Technology Corporation RT6220 Datasheet HTML 15Page - Richtek Technology Corporation RT6220 Datasheet HTML 16Page - Richtek Technology Corporation RT6220 Datasheet HTML 17Page - Richtek Technology Corporation RT6220 Datasheet HTML 18Page - Richtek Technology Corporation RT6220 Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
RT6220
15
DS6220-11 July 2020
www.richtek.com
©
Copyright 2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Generally, the stability is a serious issue for converter. In
order to achieve better performance on stability and
transient, a feed-forward capacitor, CFF, is added to
increase the noise margin and transient response of loop
control. However, there is a tradeoff of adding a feed-forward
capacitor. An additional dc offset will be generated on
output voltage due to the amplified feedback ripple by feed-
forward compensator. This is not always the case that
every CFF makes the same value of dc offset, it is based
on different pole and zero placement generated by R1, R2
and CFF. For simplicity, a symbol named Vdc,offset is
supposed to be the value of dc offset. This value may
influence the performance (e.g. regulation or peak value
of VOUT) of converter slightly, the suggested CFFis to select
a pair of pole and zero to provide the maximum phase
lead at switching frequency.
OUT,valley
REF
dc,offset
R1
V= 1+
V
+V
R2



VOUT,valley is the valley of output voltage, and Vdc,offset is
used for describing the additional dc offset on VOUT, the
value is related to the output voltage ripple and CFF.
VOUT
FB
GND
RT6220
R1
R2
CFF (opt.)
Figure 5. The Equivalent Circuit of Feedback Loop
Inductor Selection
Selecting an inductor involves specifying its inductance
and also its required peak current. The exact inductor value
is generally flexible and is ultimately chosen to obtain the
best mix of cost, physical size, and circuit efficiency.
Lower inductor values benefit from reduced size and cost
and they can improve the circuit's transient response.
However, they increase the inductor ripple current and
output voltage ripple and reduce the efficiency due to the
resulting higher peak currents. Conversely, higher inductor
values increase efficiency, but the inductor will either be
physically larger or have higher resistance since more
turns of wire are required and transient response will be
slower since more time is required to change current (up
or down) in the inductor. A good compromise between
size, efficiency, and transient response is to use a ripple
current (
ΔIL) about 20-50% of the desired full output load
current. Calculate the approximate inductor value by
selecting the input and output voltages, the switching
frequency (fSW), the maximum output current (IOUT(MAX))
and estimating a
ΔIL as some percentage of that current.
OUT
IN
OUT
IN
SW
L
V(V
V
)
L
Vf
I

 
Once an inductor value is chosen, the ripple current (
ΔIL)
is calculated to determine the required peak inductor
current.
OUT
IN
OUT
L
L
L(PEAK)
OUT(MAX)
IN
SW
V(V
V
)
I
I
and I
I
Vf
L
2



To guarantee the required output current, the inductor
needs a saturation current rating and a thermal rating that
exceeds IL(PEAK). These are minimum requirements. To
maintain control of inductor current in overload and short-
circuit conditions, some applications may desire current
ratings up to the current limit value. However, the IC's
output under-voltage shutdown feature make this
unnecessary for most applications.
For best efficiency, choose an inductor with a low DC
resistance that meets the cost and size requirements.
For low inductor core losses some type of ferrite core is
usually best and a shielded core type, although possibly
larger or more expensive, will probably give fewer EMI
and other noise problems.
Input Capacitor Selection
High quality ceramic input decoupling capacitor, such as
X5R or X7R, with values greater than 20
μF are
recommended for the input capacitor. The X5R and X7R
ceramic capacitors are usually selected for power regulator
capacitors because the dielectric material has less
capacitance variation and more temperature stability.
Voltage rating and current rating are the key parameters
when selecting an input capacitor. Generally, selecting an
input capacitor with voltage rating 1.5 times greater than
the maximum input voltage is a conservatively safe design.
The input capacitor is used to supply the input RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com