Electronic Components Datasheet Search
  English  ▼

X  

RT6220 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT6220
Description  6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6220 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT6220 Datasheet HTML 1Page - Richtek Technology Corporation RT6220 Datasheet HTML 2Page - Richtek Technology Corporation RT6220 Datasheet HTML 3Page - Richtek Technology Corporation RT6220 Datasheet HTML 4Page - Richtek Technology Corporation RT6220 Datasheet HTML 5Page - Richtek Technology Corporation RT6220 Datasheet HTML 6Page - Richtek Technology Corporation RT6220 Datasheet HTML 7Page - Richtek Technology Corporation RT6220 Datasheet HTML 8Page - Richtek Technology Corporation RT6220 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
RT6220
2
DS6220-11 July 2020
www.richtek.com
©
Copyright 2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin Configuration
(TOP VIEW)
UQFN-16L 3x3 (FC)
PGND
VIN
SW
SW
1
2
3
4
5
6
7
14 13 12 11 10
15
16
8
9
SW
SW
Marking Information
6J=YM
DNN
6J= : Product Code
YMDNN : Date Code
RT6220AHGQUF
7P=YM
DNN
7P= : Product Code
YMDNN : Date Code
RT6220BLGQUF
7M=YM
DNN
7M= : Product Code
YMDNN : Date Code
RT6220BHGQUF
7N=YM
DNN
7N= : Product Code
YMDNN : Date Code
RT6220AGQUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com