Electronic Components Datasheet Search
  English  ▼

X  

RT6220 Datasheet(PDF) 17 Page - Richtek Technology Corporation

Part # RT6220
Description  6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6220 Datasheet(HTML) 17 Page - Richtek Technology Corporation

Back Button RT6220 Datasheet HTML 12Page - Richtek Technology Corporation RT6220 Datasheet HTML 13Page - Richtek Technology Corporation RT6220 Datasheet HTML 14Page - Richtek Technology Corporation RT6220 Datasheet HTML 15Page - Richtek Technology Corporation RT6220 Datasheet HTML 16Page - Richtek Technology Corporation RT6220 Datasheet HTML 17Page - Richtek Technology Corporation RT6220 Datasheet HTML 18Page - Richtek Technology Corporation RT6220 Datasheet HTML 19Page - Richtek Technology Corporation RT6220 Datasheet HTML 20Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
RT6220
17
DS6220-11 July 2020
www.richtek.com
©
Copyright 2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
of ceramic output capacitor (sag and soar are directly
proportional to capacitance) or adding extra bulk
capacitance can easily eliminate any excessive voltage
transients.
In any application with large quick transients, it should
calculate soar and sag to make sure that over-voltage
protection and under-voltage protection will not be triggered.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
UQFN-16L 3x3 (FC) package, the thermal resistance,
θJA,
is 43
°C/W on a high thermal conductivity four-layer
evaluation board made by Richtek. The maximum power
dissipation at TA = 25
°C can be calculated by the following
formula :
PD(MAX) = (125
°C − 25°C) / (43°C/W) = 2.33W for
UQFN-16L 3x3 (FC) package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 6 allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
Figure 6. Derating Curve of Maximum Power Dissipation
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
Layout Considerations
Layout is very important in high frequency switching
converter design. The PCB can radiate excessive noise
and contribute to converter instability with improper layout.
Certain points must be considered before starting a layout
using the RT6220.
Make traces of the high current paths as short and wide
as possible.
Put the input capacitor as close as possible to the device
pins (VIN and PGND).
The SW node encounters high frequency voltage swings
so it should be kept in a small area. Keep sensitive
components away from the SW node to prevent noise
coupling.
The PGND pin should be connected to a strong ground
plane for heat sinking and noise protection.
Avoid using vias in the power path connections that have
switched currents (from CIN to PGND and CIN to VIN)
and the switching node (SW).
The ground of VCC is recommended to connect to GND
layer through via, and the decoupling capacitor (CVCC)
should be placed near VCC pin. No via connection is
recommended.
An example of PCB layout guide is shown in Figure 7 for
reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com