Electronic Components Datasheet Search
  English  ▼

X  

RT6310 Datasheet(PDF) 36 Page - Richtek Technology Corporation

Part # RT6310
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310 Datasheet(HTML) 36 Page - Richtek Technology Corporation

Back Button RT6310 Datasheet HTML 32Page - Richtek Technology Corporation RT6310 Datasheet HTML 33Page - Richtek Technology Corporation RT6310 Datasheet HTML 34Page - Richtek Technology Corporation RT6310 Datasheet HTML 35Page - Richtek Technology Corporation RT6310 Datasheet HTML 36Page - Richtek Technology Corporation RT6310 Datasheet HTML 37Page - Richtek Technology Corporation RT6310 Datasheet HTML 38Page - Richtek Technology Corporation RT6310 Datasheet HTML 39Page - Richtek Technology Corporation RT6310 Datasheet HTML 40Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6310-04
August 2023
36
Shutdown Current vs. Input Voltage
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
4
6
8
10
12
14
16
18
20
22
24
Input Voltage (V)
RT6310A/AH, EN/MODE = 0V
Quiescent Current vs. Input Voltage
75
80
85
90
95
100
105
110
115
120
125
4
6
8
10
12
14
16
18
20
22
24
Input Voltage (V)
RT6310B/BH, EN/MODE = 5V, No Switching
Shutdown Current vs. Input Voltage
20
25
30
35
40
45
50
55
60
4
6
8
10
12
14
16
18
20
22
24
Input Voltage (V)
RT6310B/BH, EN/MODE = 0V
RT6310B/BH, VIN = 12V,
EN/MODE = 5V
Power On from EN/MODE
Time (500
s/Div)
VEN/MODE
(5V/Div)
VOUT
(2V/Div)
IL
(5A/Div)
PGOOD
(5V/Div)
VOUT = 3.3V, IOUT = 10A
VOUT = 3.3V, IOUT = 10A
Power Off from EN/MODE
Time (50
s/Div)
VEN/MODE
(5V/Div)
VOUT
(2V/Div)
IL
(5A/Div)
PGOOD
(5V/Div)
RT6310B/BH, VIN = 12V,
EN/MODE = 5V
RT6310A/AH, VIN = 12V, EN/MODE = 5V,
VOUT = 1.05V, IOUT = 1A to 10A
Load Transient Response
Time (50
s/Div)
VOUT
(40mV/Div)
IOUT
(5A/Div)
LX
(10V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com