Electronic Components Datasheet Search
  English  ▼

X  

RT6310 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT6310
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT6310 Datasheet HTML 9Page - Richtek Technology Corporation RT6310 Datasheet HTML 10Page - Richtek Technology Corporation RT6310 Datasheet HTML 11Page - Richtek Technology Corporation RT6310 Datasheet HTML 12Page - Richtek Technology Corporation RT6310 Datasheet HTML 13Page - Richtek Technology Corporation RT6310 Datasheet HTML 14Page - Richtek Technology Corporation RT6310 Datasheet HTML 15Page - Richtek Technology Corporation RT6310 Datasheet HTML 16Page - Richtek Technology Corporation RT6310 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6310-04
August 2023
www.richtek.com
13
during the ON state of high-side MOSFET. During the
ON state of high-side MOSFET, the measured high-side
MOSFET voltage is proportional to the high-side
MOSFET current.
In order to prevent the device from inductor saturation
or any risk of damage, if the measured high-side
MOSFET current is higher than peak current-limit
threshold, the on-time timer is terminated immediately
to limit the inductor current and the inductor current is
decreased by turning on the low-side MOSFET. Once
the low-side MOSFET current is below valley current-
limit threshold, the next one-shot on-time timer is
permitted to generate. The circuit of the cycle-by-cycle
peak current limit works in every switching cycle.
Output Under-Voltage Protection (UVP)
The output under-voltage protection of RT6310 includes
latched and hiccup mode. If the inductor current is
higher than current-limit threshold (valley/peak current-
limit threshold) during heavy-load condition, the output
voltage tends to drop because the load demand
exceeds that the converter can support.
When the load demand is larger than the current ability
of
converter,
the
VFB
(RT6310A/AH/D/DH)/VOUT
(RT6310B/BH) / VFF (RT6310C/CH) starts to drop.
Once the VFB/ VOUT/ VFF drops below typical 60% of
reference/target voltage and the time length of this state
is larger than the time width 11
s (typical), the
latched/hiccup mode UVP is triggered. The different
behaviors for latched/hiccup mode UVP is as follows :
⚫
The RT6310A/B/C/D provides output under-voltage
protection (UVP) with latched mode. Once UVP is
triggered, the IC stops PWM switching and enter
latched mode. If UVP event is released, users should
re-toggle the EN/MODE pin or power recycle VIN
supply to re-power on the device.
⚫
The RT6310AH/BH/CH/DH provides output under-
voltage protection (UVP) with hiccup mode. Once
UVP is triggered, the IC takes a determined period for
initiating auto-recovery soft-start sequence. If UVP
event is released, the output voltage is regulated to
target reference.
Output Over-Voltage Protection (OVP)
The output over-voltage protection of RT6310 includes
latched and non-latched mode. If the VFB/VOUT/VFF
rises above typical 120% of reference/target voltage
and the time length of this state is larger than the time
width 12
s (typical), the latched/non-latched mode OVP
is triggered. The different behaviors of latched/non-
latched mode OVP is as follows :
⚫
The RT6310A/B/C/D provides output over-voltage
protection (OVP) with latched mode. Once OVP is
triggered, the IC stops PWM switching and enter
latched mode. If OVP event is released, users should
re-toggle the EN/MODE pin or power recycle VIN
supply to re-power on the device.
⚫
The RT6310AH/BH/CH/DH provides output over-
voltage protection (OVP) with non-latched mode.
Once OVP is triggered, the IC stops PWM switching
and enter non-latched mode. If the OVP condition is
released and the output voltage is lower than
regulation level, the device returns to regulate output
voltage.
Over-Temperature Protection (OTP)
The over-temperature protection of RT6310 includes
latched and non-latched mode. OTP circuitry prevents
device from overheating due to excessive power
dissipation. If the junction temperature of device
exceeds typical 150
C, the OTP is triggered to stop the
temperature rising. The behaviors of latched and non-
latched mode OTP is as follows :
⚫
The
RT6310A/B/C/D
provides
over-temperature
protection (OTP) with latched mode. Once OTP is
triggered, the IC stops PWM switching and enter
latched mode. If OTP event is released, users should
re-toggle the EN/MODE pin or power recycle VIN
supply to re-power on the device.
⚫
The
RT6310AH/BH/CH/DH
provides
over-
temperature protection (OTP) with non-latched mode.
Once OTP is triggered, the IC stops PWM switching
and
enter
non-latched
mode.
If
the
junction
temperature of device drops below typical 130
C , the
device enables the soft-start function to build the
output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com