Electronic Components Datasheet Search
  English  ▼

X  

RT6310 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT6310
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT6310 Datasheet HTML 11Page - Richtek Technology Corporation RT6310 Datasheet HTML 12Page - Richtek Technology Corporation RT6310 Datasheet HTML 13Page - Richtek Technology Corporation RT6310 Datasheet HTML 14Page - Richtek Technology Corporation RT6310 Datasheet HTML 15Page - Richtek Technology Corporation RT6310 Datasheet HTML 16Page - Richtek Technology Corporation RT6310 Datasheet HTML 17Page - Richtek Technology Corporation RT6310 Datasheet HTML 18Page - Richtek Technology Corporation RT6310 Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6310-04
August 2023
www.richtek.com
15
Table 1. RT6310 Operation Mode Selection
Part Number
EN/MODE Voltage
Operation Mode
RT6310A/AH/B/BH/C/CH/D/DH
 0.23V
Shutdown
RT6310D/DH
 0.88V
DEM
RT6310A/AH/B/BH/C/CH
0.88V ~ 1.7V
USM
RT6310A/AH/B/BH/C/CH
≥ 2.3V
DEM
Table 2. RT6310 Power Logic
Notice: 0 = Logic low, 1 = Logic high, X = Don't care, ON = Active, OFF = Inactive,
N/A = Not applicable
Part Number
Input*
Output
EN/MODE*
VCC_EXT*
VCC Bypass Switch
VCC
LDO
VOUT
RT6310A/AH
RT6310D/DH
0
X
OFF
OFF
N/A
OFF
1
0
OFF
ON
N/A
ON
1
1
ON
ON
N/A
ON
RT6310B/BH
0
X
OFF
ON
ON
OFF
1
0
OFF
ON
ON
ON
1
1
ON
ON
ON
ON
RT6310C/CH
0
N/A
N/A
ON
ON
OFF
1
N/A
N/A
ON
ON
ON
Input*: VIN is ready in the whole power logic table.
EN/MODE*: Logic = 1 means VEN/MODE
 0.88V. Logic = 0 means VEN/MODE  0.23V
VCC_EXT*: Logic = 1 means VCC_EXT
 4.9V. Logic = 0 means VCC_EXT  4.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com