Electronic Components Datasheet Search
  English  ▼

X  

RT6310 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT6310
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT6310 Datasheet HTML 17Page - Richtek Technology Corporation RT6310 Datasheet HTML 18Page - Richtek Technology Corporation RT6310 Datasheet HTML 19Page - Richtek Technology Corporation RT6310 Datasheet HTML 20Page - Richtek Technology Corporation RT6310 Datasheet HTML 21Page - Richtek Technology Corporation RT6310 Datasheet HTML 22Page - Richtek Technology Corporation RT6310 Datasheet HTML 23Page - Richtek Technology Corporation RT6310 Datasheet HTML 24Page - Richtek Technology Corporation RT6310 Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6310-04
August 2023
www.richtek.com
21
VIN
VEN/MODE
VLDO3
VOUT
VPGOOD
VCC
VIN_UVLO_OFF = 3.8V
High
PGOOD low
VOUT to LDO
VCC_EXT to VCC
LDO Bypass Switch
(VOUT to LDO)
VCC_EXT = 5V
(External)
VCC Bypass Switch
(VCC_EXT to VCC)
Enable VOUT discharge resistor as:
1. VIN
VIN_UVLO_OFF = 3.8V
2. VEN/MODE
VEN/MODE_L = 0.5V
tPGDLY
Figure 8. Power Off Sequence of RT6310B/BH : Ramping Down VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com