Electronic Components Datasheet Search
  English  ▼

X  

RT7208EB Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT7208EB
Description  High-Integration USB PD Controller with Internal Feedback Compensation and Synchronous Rectification for ZVS Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7208EB Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT7208EB Datasheet HTML 1Page - Richtek Technology Corporation RT7208EB Datasheet HTML 2Page - Richtek Technology Corporation RT7208EB Datasheet HTML 3Page - Richtek Technology Corporation RT7208EB Datasheet HTML 4Page - Richtek Technology Corporation RT7208EB Datasheet HTML 5Page - Richtek Technology Corporation RT7208EB Datasheet HTML 6Page - Richtek Technology Corporation RT7208EB Datasheet HTML 7Page - Richtek Technology Corporation RT7208EB Datasheet HTML 8Page - Richtek Technology Corporation RT7208EB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
RT7208EB
r
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS7208EB-00
August
2021
4
Functional Pin Description
Pin No.
Pin Name
Type
Pin Function
1
V_TR
AI
Transformer voltage sense node.
2
CS+
AI
Positive input of a current-sense amplifier for output current sensing.
3
CS-
AI
Negative input of a current-sense amplifier for output current sensing.
4
D-
A/D IO USB D- channel.
5
D+
A/D IO USB D+ channel.
6
CC1
A/D IO
Type-C connector Configuration Channel (CC) 1, used to detect a cable
plug event and determine the cable orientation.
7
CC2
A/D IO
Type-C connector Configuration Channel (CC) 2, used to detect a cable
plug event and determine the cable orientation.
8
CC_GND
GND
Alternative ground for CC1 and CC2.
9
RT2
A/D IO
Remote thermal sensor connection node 2 for over-temperature
protection.
10
RT1
A/D IO
Remote thermal sensor connection node 1 for over-temperature
protection.
11
VCONN
PWR
Supply VCONN power to CC1/CC2.
12
SYNC
A IO
Bi-direction control for pulse transformer connection.
13
SGND
GND
Alternative ground for SYNC.
14
AGND
GND
Analog ground.
15
VBUS
D IO
VBUS sensing and bleeder connection node to provide another path to
discharge the VBUS capacitor.
16
USBP
D IO
Control signal of the blocking N-MOSFET
17
NC
NC
No internal connection.
18, 19
VDD
PWR
Supply input voltage.
20
AGND
GND
Analog ground.
21
V2
PWR
Regulated DC bias to supply for the MCU.
22
V5
PWR
Regulated DC bias to supply for internal circuitry.
23
VCN
AO
Charge pump driver CN output.
24
VCP
AO
Charge pump driver CP output.
25
V9
PWR
Regulated DC bias to supply for the synchronous rectifier driver.
26
VG
AO
Gate driver output for the SR MOSFET.
27
PGND
GND
Power ground.
28
BLD
D IO
Bleeder connection node to provide another path to discharge the output
capacitor.
29
(Exposed Pad)
GND
GND
Power ground. The exposed pad must be connected to GND and well
soldered to a large PCB copper area for maximum power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com