Electronic Components Datasheet Search
  English  ▼

X  

RT7208EB Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT7208EB
Description  High-Integration USB PD Controller with Internal Feedback Compensation and Synchronous Rectification for ZVS Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7208EB Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT7208EB Datasheet HTML 4Page - Richtek Technology Corporation RT7208EB Datasheet HTML 5Page - Richtek Technology Corporation RT7208EB Datasheet HTML 6Page - Richtek Technology Corporation RT7208EB Datasheet HTML 7Page - Richtek Technology Corporation RT7208EB Datasheet HTML 8Page - Richtek Technology Corporation RT7208EB Datasheet HTML 9Page - Richtek Technology Corporation RT7208EB Datasheet HTML 10Page - Richtek Technology Corporation RT7208EB Datasheet HTML 11Page - Richtek Technology Corporation RT7208EB Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
RT7208EB
r
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS7208EB-00
August
2021
8
Absolute Maximum Ratings
(Note 1)
 USBP to GND ------------------------------------------------------------------------------------------------------ 0.3V to 35V
 VDD, BLD, VBUS to GND --------------------------------------------------------------------------------------- 0.3V to 25V
 V9, VG, VCN to GND
(Note 6)------------------------------------------------------------------------------
0.3V to 14V
 V5, SYNC, V_TR, RT1, RT2, CC1, CC2, D+, D-,
CS+, CS-, VCP, VCONN to GND
(Note 6)---------------------------------------------------------------
0.3V to 6.5V
 V2 to GND----------------------------------------------------------------------------------------------------------- 0.3V to 2.5V
 Power Dissipation, PD @ TA = 25C
WQFN-28L 4x5 -----------------------------------------------------------------------------------------------------
3.64W
 Package Thermal Resistance
(
Note 2)
WQFN-28L 4x5
, θJA ----------------------------------------------------------------------------------------------- 27.4C/W
WQFN-28L 4x5
, θJC ----------------------------------------------------------------------------------------------- 2C/W
 Junction Temperature (±15C)
(Note 5)------------------------------------------------------------------- 150
C
 Lead Temperature (Soldering, 10sec.)------------------------------------------------------------------------260C
 Storage Temperature Range (150±15C)
(Note 5)-----------------------------------------------------
65C to 150C
 ESD Susceptibility
(
Note 3)
HBM (Human Body Model) -------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
 Supply Input Voltage, VDD--------------------------------------------------------------------------------------- 3V to 22V
 Junction Temperature Range------------------------------------------------------------------------------------ 40C to 125C
 Ambient Temperature Range------------------------------------------------------------------------------------40C to 105C
Electrical Characteristics
(TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VDD Section
VDD Turn-On Threshold
VVDD_ON
3.3
3.5
3.7
V
VDD Turn-Off Threshold
VVDD_OFF
2.7
2.75
2.8
V
VDD Turn-On/Off
Hysteresis
VVDD_HYS
0.5
0.75
1
V
VDD Start-Up Current
IDD_START
VDD = 2.7V
--
120
240
A
VDD Operating Current
IDD_OP
VDD = 5V, in normal mode,
SR driver is disabled.
--
6
9
mA
VDD Sleep-Mode Current IDD_SLEEP
VDD = 5V, in sleep mode, SR
driver is disabled.
--
1.5
2.5
mA
VDD Green-Mode
Current
IDD_GREEN
VDD = 5V
--
925
1250
A
Maximum VDD Over-
Voltage Protection
Threshold
VMAX_VDD_OVP
23
24
25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com