Electronic Components Datasheet Search
  English  ▼

X  

RT7208EB Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7208EB
Description  High-Integration USB PD Controller with Internal Feedback Compensation and Synchronous Rectification for ZVS Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7208EB Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7208EB Datasheet HTML 1Page - Richtek Technology Corporation RT7208EB Datasheet HTML 2Page - Richtek Technology Corporation RT7208EB Datasheet HTML 3Page - Richtek Technology Corporation RT7208EB Datasheet HTML 4Page - Richtek Technology Corporation RT7208EB Datasheet HTML 5Page - Richtek Technology Corporation RT7208EB Datasheet HTML 6Page - Richtek Technology Corporation RT7208EB Datasheet HTML 7Page - Richtek Technology Corporation RT7208EB Datasheet HTML 8Page - Richtek Technology Corporation RT7208EB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
RT7208EB
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7208EB-00
August
2021
www.richtek.com
1
High-Integration USB PD Controller with Internal Feedback
Compensation and Synchronous Rectification for ZVS Control
General Description
The RT7208EB is a programmable USB PD controller
with built-in functions of synchronous rectification, bi-
direction control and internal feedback compensation.
The
controller
MCU
handles various
proprietary
protocols via the D+/D- interface and supports USB PD
Type-C via the CC1/CC2 pins.
The RT7208EB provides the highly integrated solution
for the off-line high power density AC-DC converter by
utilizing the zero-voltage switching (ZVS) on main
switch.
This is accomplished by built-in compensation
for feedback control to regulate output voltage and
current.
In
order
to
reduce
usage
of
external
components, the controller is built-in with a synchronous
rectification controller, and integrated with diverse
functions and protections.
These features improve the
efficiency as well as the safety of a power converter.
In the IC, an internal synchronous rectifier controller can
optimize efficiency and provide safe operation in both
continuous-conduction mode (CCM) and discontinuous
-conduction mode (DCM) under a wide output voltage
range of 3.0V to 22V.
Moreover, a dual operational amplifier with the digital-
to-analog converter (DAC) is embedded for voltage-
loop and current-loop regulation when programming the
constant-voltage
(CV)
and
constant-current
(CC)
regulation in high precision.
Applications
USB PD Type-C or Proprietary Protocols (e.g., FCP,
SCP and AFC) Chargers/Adapters for Smart
Phones, NBs, Tablets and All Other Electronics
USB PD Extension Cores with Offline AC-DC
Converters
Features
Protocol Support
USB PD2.0/PD3.0 and PPS
Proprietary Protocols
Highly Integrated
Embedded MCU with an Mask ROM of 32KB, an
OTP-ROM of 16KB, and an SRAM of 3KB
Built-in Synchronous Rectifier Controller and
Driver
Built-in Charge Pump for a Wide VDD
Operation Range of 3V to 22V
Built-in Bi-direction Function for
Programmable Constant-Voltage and
Constant-Current Control
Built-in Internal Feedback Compensation
Built-in Dual Shunt Regulators with
Respectively 11-bit and 10-bit DAC
Programmable Reference Voltages for CV and
CC Control
Built-in 10-bit Analog-to-Digital Converter
(ADC)
Programmable Linear Cable Compensation
BLD Pin for Quick Discharge of Output
Capacitor
VBUS Pin for Detection VBUS Voltage and
Quick Discharge of VBUS Capacitor
USBP Pin for Direct Drive of External Blocking
N-MOSFET
Power-Saving Mode in Standby Mode
Protection
Adaptive Output Over-Voltage Protection
Adaptive Under-Voltage Protection
CC1/CC2/D+/D- Over-Voltage Protection
Firmware-Programmable Constant-Current
Protection
Firmware-Programmable Over-Current
Protection
Firmware-Programmable Over-Temperature
Protection


Similar Part No. - RT7208EB

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RT72019PN AMPHENOL-RT72019PN Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019PW AMPHENOL-RT72019PW Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019PX AMPHENOL-RT72019PX Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019SN AMPHENOL-RT72019SN Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019SW AMPHENOL-RT72019SW Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
More results

Similar Description - RT7208EB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6754 INTERSIL-ISL6754 Datasheet
539Kb / 19P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
September 29, 2008
ISL78223 INTERSIL-ISL78223 Datasheet
1Mb / 20P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
January 2, 2013
ISL6754AAZA INTERSIL-ISL6754AAZA Datasheet
536Kb / 19P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
September 29, 2008
logo
NXP Semiconductors
AN10580 PHILIPS-AN10580_15 Datasheet
111Kb / 11P
GreenChip TEA1761 synchronous rectification and feedback controller
Rev. 01-19 March 2008
logo
Renesas Technology Corp
ISL6754 RENESAS-ISL6754 Datasheet
1Mb / 20P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
ISL78223 RENESAS-ISL78223 Datasheet
1Mb / 20P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
logo
Richtek Technology Corp...
RT7207K RICHTEK-RT7207K Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Rectification
RT7207KB RICHTEK-RT7207KB Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
logo
Rohm
PV2105 ROHM-PV2105 Datasheet
651Kb / 2P
Wide-Input, Synchronous Buck Digital Controller with Auto-Control & SMBus??PMBus??for USB-PD
logo
Power Integrations, Inc...
INN3865C POWERINT-INN3865C Datasheet
2Mb / 44P
Off-Line QR Flyback Switcher IC with Integrated USB Type-C and USB PD Controller, High-Voltage Switch, Synchronous Rectification and FluxLink Feedback
November 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com