Electronic Components Datasheet Search
  English  ▼

X  

RT7208EB Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT7208EB
Description  High-Integration USB PD Controller with Internal Feedback Compensation and Synchronous Rectification for ZVS Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7208EB Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT7208EB Datasheet HTML 3Page - Richtek Technology Corporation RT7208EB Datasheet HTML 4Page - Richtek Technology Corporation RT7208EB Datasheet HTML 5Page - Richtek Technology Corporation RT7208EB Datasheet HTML 6Page - Richtek Technology Corporation RT7208EB Datasheet HTML 7Page - Richtek Technology Corporation RT7208EB Datasheet HTML 8Page - Richtek Technology Corporation RT7208EB Datasheet HTML 9Page - Richtek Technology Corporation RT7208EB Datasheet HTML 10Page - Richtek Technology Corporation RT7208EB Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
r
RT7208EB
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7208EB-00
August
2021
www.richtek.com
7
DPMDO_LEV
DPOE
DPO
DPPE
DPPO
DPI
RH_DPDM
AIN
MCU
10-bit ADC
SHORT SWITCH
sDPM_SHORT
D+/D-
1.8V 3.3V 4.2V
RL_DPDM
2.0V 2.7V
RDP_APPLE
Figure 3. Interface of D+ and D-
Interface of CC1 and CC2
The CC1 and CC2 pins are used for compliance with
USB Type-C specification. When configured as a
Downstream
Facing Port
(DFP), three current
capabilities of 80
A, 180A, and 330A, provided by
each of the CC pins, will be advertised to an Upstream
Facing Port (UFP) as default USB current, 1.5A, and
3.0A, respectively, as shown in Figure 4.
CC1OE
CC1O
CC1_LO
CC1_HI
AIN
MCU
ADC
CC1/
CC2
1.125V
5V
CC1I
USB_PD
Figure 4. Interface of CC1 and CC2
Open-Drain Drivers for BLD and VBUS Pins
The BLD and VBUS pins with their specific functions are
driven by open-drain drivers, as shown in Figure 5 and
explained below.
The RT7208EB provides the BLD pin, driven by open-
drain driver with a bleeder or a register-programmable
discharge current to help discharge the output capacitor
to Vsafe5V upon the detachment of a connected device,
or to a lower desired output voltage level upon a UFP
request, such as from 12V to 5V.
If the BLD pin is used as a bleeder, a resistor is
connected between VOUT and the BLD pin and a power
resistor can be used for better power dissipation
capability. If the BLD pin is used as a register-
programmable discharge current, there is unnecessary
to connect a resistor between VOUT and the BLD pin.
The VBUS pin is used as a bleeder to help discharge
the VBUS capacitor to Vsafe0V upon the detachment of
a connected device and provide real-time VBUS voltage
detection by ADC.
MCU
DOL
DI
BLD
VBUS
10-bit
ADC
DOL
DI
IBLD_DIS
DOL
Figure 5. Interface of BLD and VBUS Pin
SR Control
To improve the AC-DC
converter’s efficiency, the
RT7208EB includes an SR controller, which has
proprietary auto-tracking function to minimize dead time
between the conduction intervals of the SR MOSFET
and the main switch MOSFET, while it can still ensure
safe operation in both DCM and CCM conditions and
even in a wide output range.
To prevent the on-time
overlap of the main switch MOSFET and the SR
MOSFET, the SR controller will be temporarily turned
off under conditions of load transition, output voltage
transition, output short circuit, or low output or input
voltages with programmable thresholds.
At light load
or no load condition, the SR controller will also be
disabled to reduce power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com