Electronic Components Datasheet Search
  English  ▼

X  

RT8549L Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8549L
Description  24V/60V Boost Converter with SMBus Controlled 4-CH LED Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8549L Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8549L Datasheet HTML 1Page - Richtek Technology Corporation RT8549L Datasheet HTML 2Page - Richtek Technology Corporation RT8549L Datasheet HTML 3Page - Richtek Technology Corporation RT8549L Datasheet HTML 4Page - Richtek Technology Corporation RT8549L Datasheet HTML 5Page - Richtek Technology Corporation RT8549L Datasheet HTML 6Page - Richtek Technology Corporation RT8549L Datasheet HTML 7Page - Richtek Technology Corporation RT8549L Datasheet HTML 8Page - Richtek Technology Corporation RT8549L Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
RT8549L
®
DS8549L-00 May 2019
www.richtek.com
1
©
Copyright
2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
24V/60V Boost Converter with SMBus Controlled 4-CH
LED Driver
General Description
The RT8549L is a high efficiency Boost converter with
4-CH LED driver supporting 60V maximum output voltage.
It is designed for LCD panel applications that employs
LED as lighting sources. The Boost converter generates
a suitable output voltage to drive four LED strings in parallel
and supports up to 18 LEDs per string.
The RT8549L supports a wide input voltage range from
4.2V to 24V and provides a SMBus interface to control
the LED brightness dimming mode, operating frequency
and LED currents. The internal 150m
Ω, 60V power switch
with current-mode control provides high efficiency
operation.
The RT8549L is available in the WDFN-16L 5x5 package
to achieve optimized solution for PCB space.
Applications
UMPC and Notebook Computer Backlight
Features
Wide Operating Input Voltage : 4.2V to 24V
Max 60V Output Voltage
3% LED Current Accuracy
2% LED Current Matching
Low Drop Output 120mA/0.4V Current Sink
SMBus Programs LED Current, Switching
Frequency, Dimming Mode
LED Current : 22.58mA to 180mA
Switching Frequency : 200kHz to 900kHz
Dimming Mode : PWM, DC, Mixed-Mode
Built-in Input UVP, Output OVP, OCP, and Soft-Start
Support LED Hot-plug, Open/Short Detection
Low EMI, Low Acoustic Noise
16-Load WDFN Package
RoHS Compliant and Halogen Free
Simplified Application Circuit
Pull Up
Pull Up
RP1
RP2
CS1
CS2
CS3
VDC
VOUT
VIN
VOUT(MAX)
VIN
CS4
COMP
CIN1
L1
D1
RT8549L
:
:
:
:
:
:
:
:
:
:
:
:
COUT
LX
RCOMP
CCOMP
GND
SMBCLK
EN
PGND
CIN2
R1
CDC
PWM
SMBDAT
PWM Signal
SMBus
ILED
FAULT
Enable


Similar Part No. - RT8549L

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT85 ASTRODYNE-RT85 Datasheet
297Kb / 4P
85W Triple Output Switching Power Supply
logo
Richtek Technology Corp...
RT8509 RICHTEK-RT8509 Datasheet
226Kb / 9P
3A, 14V Step-Up DC/DC Converter
RT8509GQW RICHTEK-RT8509GQW Datasheet
226Kb / 9P
3A, 14V Step-Up DC/DC Converter
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
43V Asynchronous Boost WLED Driver
logo
Schaffner International...
RT8522-10-6M0 SCHAFFNER-RT8522-10-6M0 Datasheet
2Mb / 6P
Current-compensated Chokes
More results

Similar Description - RT8549L

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC400 ZETEX-ZXSC400 Datasheet
195Kb / 16P
LED DRIVER BOOST CONVERTER
logo
Diodes Incorporated
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
ZXSC400 DIODES-ZXSC400 Datasheet
203Kb / 16P
LED DRIVER BOOST CONVERTER
JANUARY 2003
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
White LED Driver with Synchronous Boost Converter
logo
Linear Technology
LT3791 LINER-LT3791_15 Datasheet
403Kb / 28P
60V 4-Switch Synchronous Buck-Boost LED Driver Controller
logo
Anpec Electronics Corop...
APW8739 ANPEC-APW8739 Datasheet
422Kb / 28P
4-Channel LED Backlight Converter with SMBus Controlled
logo
Linear Technology
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
60V 2MHz Synchronous Buck-Boost LED Driver
logo
Rohm
BD83A04EFV-M ROHM-BD83A04EFV-M Datasheet
1Mb / 49P
4 ch Current Driver Integrated, Built-in MOS for Boost, Boost DC/DC Converter White LED Driver for Automotive
17.Feb.2022 Rev.005
BD83A04EFV-M ROHM-BD83A04EFV-M_V01 Datasheet
1Mb / 49P
4 ch Current Driver Integrated, Built-in MOS for Boost, Boost DC/DC Converter White LED Driver for Automotive
18.Aug.2022 Rev.006
logo
Richtek Technology Corp...
RT4539A RICHTEK-RT4539A Datasheet
1Mb / 39P
39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com