Electronic Components Datasheet Search
  English  ▼

X  

RT8549L Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8549L
Description  24V/60V Boost Converter with SMBus Controlled 4-CH LED Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8549L Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8549L Datasheet HTML 1Page - Richtek Technology Corporation RT8549L Datasheet HTML 2Page - Richtek Technology Corporation RT8549L Datasheet HTML 3Page - Richtek Technology Corporation RT8549L Datasheet HTML 4Page - Richtek Technology Corporation RT8549L Datasheet HTML 5Page - Richtek Technology Corporation RT8549L Datasheet HTML 6Page - Richtek Technology Corporation RT8549L Datasheet HTML 7Page - Richtek Technology Corporation RT8549L Datasheet HTML 8Page - Richtek Technology Corporation RT8549L Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
RT8549L
www.richtek.com
DS8549L-00 May 2019
©
Copyright
2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
CS1
Current sink for LED channel 1.
2
CS2
Current sink for LED channel 2.
3
CS3
Current sink for LED channel 3.
4
CS4
Current sink for LED channel 4.
5
GND
Ground.
6
FAULT
Fault indicator output. When fault condition occurs, the FAULT pin will be
pulled up to VIN.
7
COMP
Compensation note for error amplifier. Connect a compensation network to
ground.
8
VDC
Output of internal regulator voltage. Connect a capacitor from this pin to
ground.
9
PWM
PWM dimming control input.
10
EN
Enable control input. (active high).
11
VIN
Power supply input.
12,13
LX
Switch node of boost converter.
14
SMBCLK
Clock of SMBus.
15
SMBDAT
Data of SMBus.
16
VOUT
Over voltage protection sense input.
17 (Exposed Pad) PGND
Ground. The exposed pad must be soldered to a large PCB and connected to
PGND for maximum power dissipation.
Pin Configuration
WDFN-16L 5x5
(TOP VIEW)
Ordering Information
Note :
Richtek products are :
 RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
 Suitable for use in SnPb or Pb-free soldering processes.
CS1
CS2
GND
CS4
VOUT
SMBDAT
SMBCLK
LX
LX
CS3
FAULT
VIN
COMP
EN
VDC
PWM
PGND
17
15
14
13
1
2
3
4
5
16
611
12
7
89
10
Package Type
QW : WDFN-16L 5x5 (W-Type)
RT8549L
Lead Plating System
G : Green (Halogen Free and Pb Free)
Marking Information
RT8549LGQW : Product Number
YMDNN : Date Code
RT8549L
GQW
YMDNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com