Electronic Components Datasheet Search
  English  ▼

X  

RT8549L Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8549L
Description  24V/60V Boost Converter with SMBus Controlled 4-CH LED Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8549L Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8549L Datasheet HTML 9Page - Richtek Technology Corporation RT8549L Datasheet HTML 10Page - Richtek Technology Corporation RT8549L Datasheet HTML 11Page - Richtek Technology Corporation RT8549L Datasheet HTML 12Page - Richtek Technology Corporation RT8549L Datasheet HTML 13Page - Richtek Technology Corporation RT8549L Datasheet HTML 14Page - Richtek Technology Corporation RT8549L Datasheet HTML 15Page - Richtek Technology Corporation RT8549L Datasheet HTML 16Page - Richtek Technology Corporation RT8549L Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
RT8549L
DS8549L-00 May 2019
www.richtek.com
©
Copyright
2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT8549L is a general purpose 4-CH LED driver and is
capable of delivering a maximum 180mA LED current. The
IC is a current-mode Boost converter integrated with a
60V/3.3A power switch and can cover a wide VIN range
from 4.2V to 24V. The part integrates both built-in soft-
start and with PWM dimming control; moreover, it provides
over voltage, over-temperature and current limit protections.
It also integrates PWM and mixed mode dimming function
for accurate LED current control. The PWM dimming
frequency can operate form 200Hz to 1kHz without
inducing any inrush current in LED and inductor.
Dimming Control
The RT8549L provides three dimming modes for controlling
the LED brightness. The three dimming modes include
PWM mode, DC mode and Mixed mode, and the dimming
mode could be set by register 00h. If the 00h[1:0] is set
11, the dimming mode is still in Mixed mode which is
shown in Table 2 below.
Address
Bit
Name
Default Value
Description
R/W
00 : PWM mode
01 : DC mode
00h
[1:0]
Dimming mode selection
DC mode (01)
10 : Mixed mode
R/W
Table 2. Dimming Control Mode Selection
PWM Mode
The ON/OFF of the current source is synchronized to the
PWM signal. The frequency of LED current is equal to
the PWM input signal.
DC Mode
The PWM signal will be monitored and calculate its duty.
The magnitude of ILED will be proportional to the duty.
ILED = IMAX x duty
Mixed Mode
When 25%
≤ PWM duty ≤ 100%, the PWM duty
modulated the amplitude of the current. (same as DC mode)
PWM duty < 25%, the DC dimming will translate to PWM
dimming, controlling the PWM duty instead by amplitude.
Slave Address : b0110001
Register
Address
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Default
Value
0x00
OVP
Reset [7]
OCP
Fault [4]
DIM_sig_
Sel [2]
Dimming Control [1:0]
0x01
0x01
OVP [6:5]
Current_
Limit [4]
Switching_frequency [3:0]
0x54
0x02
LED Current Setting [7:0]
0x00
0x03
Fault
Enable [7]
Fault Flag
Clear [3]
SLP [2]
SLP Latch
[1]
Fault Flag
[0]
0x80
0x04
SMBus Dimming Control [7:0]
0x00
0x06
Written
Check [7]
Vendor ID
0x80
Table 1. Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com