Electronic Components Datasheet Search
  English  ▼

X  

RT8549L Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT8549L
Description  24V/60V Boost Converter with SMBus Controlled 4-CH LED Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8549L Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT8549L Datasheet HTML 16Page - Richtek Technology Corporation RT8549L Datasheet HTML 17Page - Richtek Technology Corporation RT8549L Datasheet HTML 18Page - Richtek Technology Corporation RT8549L Datasheet HTML 19Page - Richtek Technology Corporation RT8549L Datasheet HTML 20Page - Richtek Technology Corporation RT8549L Datasheet HTML 21Page - Richtek Technology Corporation RT8549L Datasheet HTML 22Page - Richtek Technology Corporation RT8549L Datasheet HTML 23Page - Richtek Technology Corporation RT8549L Datasheet HTML 24Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
RT8549L
DS8549L-00 May 2019
www.richtek.com
©
Copyright
2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 4. Derating Curve of Maximum Power Dissipation
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
Layout Consideration
PCB layout is very important for designing switching power
converter circuits. The following layout guides should be
strictly followed for best performance of the RT8549L.
The power components, L1, D1, CIN1 and COUT must be
placed as close as possible to reduce power loop. The
PCB trace between power components must be as short
and wide as possible.
Place L1 and D1 as close as possible to LX pin. The
trace should be as short and wide as possible. Keep
the LX node away from the COMP, VDC, SMBDAT and
SMBCLK ground.
The compensation circuit (RCOMP, CCOMP) should be kept
away from the power loops and should be shielded with
a ground trace to prevent any noise coupling. Place the
compensation components as close as possible to the
COMP pin.
The exposed pad of the chip should be connected to a
large ground plane for thermal consideration.
Thermal Considerations
The junction temperature should never exceed the
absolute maximum junction temperature TJ(MAX), listed
under Absolute Maximum Ratings, to avoid permanent
damage to the device. The maximum allowable power
dissipation depends on the thermal resistance of the IC
package, the PCB layout, the rate of surrounding airflow,
and the difference between the junction and ambient
temperatures. The maximum power dissipation can be
calculated using the following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJA is the junction-to-ambient
thermal resistance.
For continuous operation, the maximum operating junction
temperature indicated under Recommended Operating
Conditions is 125
°C. The junction-to-ambient thermal
resistance,
θJA, is highly package dependent. For a
WDFN-16L 5x5, the thermal resistance,
θJA, is 28.8°C/W
on a standard JEDEC 51-7 high effective-thermal-
conductivity four-layer test board. The maximum power
dissipation at TA = 25
°C can be calculated as below :
PD(MAX) = (125
°C − 25°C) / (28.8°C/W) = 3.47W for a
WDFN-16L 5x5 package.
The maximum power dissipation depends on the operating
ambient temperature for the fixed TJ(MAX) and the thermal
resistance,
θJA. The derating curves in Figure 4 allows
the designer to see the effect of rising ambient temperature
on the maximum power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com