Electronic Components Datasheet Search
  English  ▼

X  

TAS5152 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5152
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5152 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5152 Datasheet HTML 9Page - Texas Instruments TAS5152 Datasheet HTML 10Page - Texas Instruments TAS5152 Datasheet HTML 11Page - Texas Instruments TAS5152 Datasheet HTML 12Page - Texas Instruments TAS5152 Datasheet HTML 13Page - Texas Instruments TAS5152 Datasheet HTML 14Page - Texas Instruments TAS5152 Datasheet HTML 15Page - Texas Instruments TAS5152 Datasheet HTML 16Page - Texas Instruments TAS5152 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TAS5152
SLES127A − FEBRUARY 2005 − REVISED NOVEMBER 2005
www.ti.com
13
TYPICAL CHARACTERISTICS, SE CONFIGURATION
Figure 8
PO − Output Power − W
10
1
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
0.01
0.1
10
1
TC = 75°C
PVDD = 35 V
One Channel
3
Ω
4
Ω
50
Figure 9
PVDD − Supply Voltage − V
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
OUTPUT POWER
vs
SUPPLY VOLTAGE
4
Ω
TC = 75°C
THD+N @ 10%
3
Ω
TC − Case Temperature − °C
0
5
10
15
20
25
30
35
40
45
50
55
60
10
20
30
40
50
60
70
80
90 100 110 120
OUTPUT POWER
vs
CASE TEMPERATURE
4
Ω
THD+N@ 10%
3
Ω
Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com