Electronic Components Datasheet Search
  English  ▼

X  

TAS5152 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5152
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5152 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5152 Datasheet HTML 12Page - Texas Instruments TAS5152 Datasheet HTML 13Page - Texas Instruments TAS5152 Datasheet HTML 14Page - Texas Instruments TAS5152 Datasheet HTML 15Page - Texas Instruments TAS5152 Datasheet HTML 16Page - Texas Instruments TAS5152 Datasheet HTML 17Page - Texas Instruments TAS5152 Datasheet HTML 18Page - Texas Instruments TAS5152 Datasheet HTML 19Page - Texas Instruments TAS5152 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
TAS5152
SLES127A − FEBRUARY 2005 − REVISED NOVEMBER 2005
www.ti.com
16
VALID
GVDD
10
Ω
10
Ω
10
µF
100 nF
GVDD
1
Ω
100 nF
BKND_ERR
PWM_P_1
PWM_P_2
PWM_A
PWM_C
OTW
RESET_AB
M2
M3
RESET_CD
VDD
GVDD_C
GVDD_B
PWM_D
VREG
M1
SD
AGND
PWM_B
OC_ADJ
GND
GND_C
OUT_A
BST_A
OUT_B
BST_B
PVDD_B
PVDD_A
BST_C
PVDD_C
OUT_C
GND_A
GND_B
OUT_D
PVDD_D
BST_D
36
35
34
33
23
19
20
21
22
24
25
26
27
28
32
31
30
29
GND_D
GVDD_D
GVDD_A
13
14
15
16
17
18
1
2
3
4
5
6
7
8
9
10
11
12
Microcontroller
22 k
Ω
100 nF
33 nF
33 nF
33 nF
100 nF
50 V
100 nF
50 V
100 nF
50 V
1000
µF
50 V
PVDD
470 nF
100 V
10
µH @ 10 A
10 nF
50 V
10 nF
50 V
3.3
Ω
3.3
Ω
100 nF
50 V
50 nF
100 V
3.3
Ω
10 nF
50 V
10 nF
50 V
1000
µF
50 V
PVDD
3.3
Ω
100 nF
50 V
47
µF
50 V
47
µF
50 V
47
µF
50 V
10
µF
100 nF
100 nF
100 nF
10
µH @ 10 A
TAS5152DKD
0
Ω
Optional
TAS5508
10
Ω
10
Ω
47
µF
50 V
470 nF
100 V
10
µH @ 10 A
10 nF
50 V
10 nF
50 V
3.3
Ω
3.3
Ω
100 nF
50 V
100 nF
50 V
10
µH @ 10 A
33 nF
No connect
No connect
Figure 15. Typical Non-Differential (1N) BTL Application With AD Modulation Filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com