Electronic Components Datasheet Search
  English  ▼

X  

TAS5152 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5152
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5152 Datasheet(HTML) 3 Page - Texas Instruments

  TAS5152 Datasheet HTML 1Page - Texas Instruments TAS5152 Datasheet HTML 2Page - Texas Instruments TAS5152 Datasheet HTML 3Page - Texas Instruments TAS5152 Datasheet HTML 4Page - Texas Instruments TAS5152 Datasheet HTML 5Page - Texas Instruments TAS5152 Datasheet HTML 6Page - Texas Instruments TAS5152 Datasheet HTML 7Page - Texas Instruments TAS5152 Datasheet HTML 8Page - Texas Instruments TAS5152 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TAS5152
SLES127A − FEBRUARY 2005 − REVISED NOVEMBER 2005
www.ti.com
3
Absolute Maximum Ratings
over operating free-air temperature range unless otherwise noted(1)
TAS5152
VDD to AGND
–0.3 V to 13.2 V
GVDD_X to AGND
–0.3 V to 13.2 V
PVDD_X to GND_X (2)
–0.3 V to 50 V
OUT_X to GND_X (2)
–0.3 V to 50 V
BST_X to GND_X (2)
–0.3 V to 63.2 V
VREG to AGND
–0.3 V to 4.2 V
GND_X to GND
–0.3 V to 0.3 V
GND_X to AGND
–0.3 V to 0.3 V
GND to AGND
–0.3 V to 0.3 V
PWM_X, OC_ADJ, M1, M2, M3 to
AGND
–0.3 V to 4.2 V
RESET_X, SD, OTW to AGND
–0.3 V to 7 V
Maximum continuous sink current (SD,
OTW)
9 mA
Maximum operating junction
temperature range, TJ
0
°C to 125°C
Storage temperature
–40
_C to 125_C
Lead temperature, 1,6 mm (1/16 inch)
from case for 10 seconds
260
_C
Minimum pulse width low
50 ns
(1) Stresses beyond those listed under “absolute maximum ratings”
may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any
other conditions beyond those indicated under “recommended
operating conditions” is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device
reliability.
(2) These voltages represent the dc voltage + peak ac waveform
measured at the terminal of the device in all conditions.
Ordering Information
TA
PACKAGE
DESCRIPTION
0
°C to 70°C
TAS5152DKD
36-pin PSOP3
For
the
most
current
specification
and
package
information, see the TI Web site at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com