Electronic Components Datasheet Search
  English  ▼

X  

LM25148 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LM25148
Description  LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25148 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM25148 Datasheet HTML 24Page - Texas Instruments LM25148 Datasheet HTML 25Page - Texas Instruments LM25148 Datasheet HTML 26Page - Texas Instruments LM25148 Datasheet HTML 27Page - Texas Instruments LM25148 Datasheet HTML 28Page - Texas Instruments LM25148 Datasheet HTML 29Page - Texas Instruments LM25148 Datasheet HTML 30Page - Texas Instruments LM25148 Datasheet HTML 31Page - Texas Instruments LM25148 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
L
OUT
2
2
SW
OUT
ESR
L
I
C
8 F
V
R
I
'
t
˜
'
˜ '
(9)
Figure 9-1 conceptually illustrates the relevant current waveforms during both load step-up and step-down
transitions. As shown, the large-signal slew rate of the inductor current is limited as the inductor current ramps
to match the new load-current level following a load transient. This slew-rate limiting exacerbates the deficit
of charge in the output capacitor, which must be replenished as rapidly as possible during and after the load
step-up transient. Similarly, during and after a load step-down transient, the slew rate limiting of the inductor
current adds to the surplus of charge in the output capacitor that must be depleted as quickly as possible.
load current,
iOUT(t)
IOUT1
IOUT2
'IOUT
tramp
IOUT2
IOUT1
'IOUT
inductor current, iL(t)
inductor current, iL(t)
load current, iOUT(t)
'QC
'QC
OUT
OUT
ramp
di
I
dt
t
'
IN
OUT
L
F
V
V
di
dt
L
OUT
L
F
V
di
dt
L
Figure 9-1. Load Transient Response Representation Showing COUT Charge Surplus or Deficit
In a typical regulator application of 48-V input to low output voltage (for example, 5 V), the load-off transient
represents the worst case in terms of output voltage transient deviation. In that conversion ratio application, the
steady-state duty cycle is approximately 10% and the large-signal inductor current slew rate when the duty cycle
collapses to zero is approximately –VOUT/L. Compared to a load-on transient, the inductor current takes much
longer to transition to the required level. The surplus of charge in the output capacitor causes the output voltage
to significantly overshoot. In fact, to deplete this excess charge from the output capacitor as quickly as possible,
the inductor current must ramp below its nominal level following the load step. In this scenario, a large output
capacitance can be advantageously employed to absorb the excess charge and limit the voltage overshoot.
To meet the dynamic specification of output voltage overshoot during such a load-off transient (denoted as
ΔVOVERSHOOT with step reduction in output current given by ΔIOUT), the output capacitance must be larger than
2
F
OUT
OUT
2
2
OUT
OVERSHOOT
OUT
L
I
C
V
V
V
˜ '
t
'
(10)
The ESR of a capacitor is provided in the manufacturer’s data sheet either explicitly as a specification or
implicitly in the impedance vs. frequency curve. Depending on type, size and construction, electrolytic capacitors
have significant ESR, 5 mΩ and above, and relatively large ESL, 5 nH to 20 nH. PCB traces contribute some
parasitic resistance and inductance as well. Ceramic output capacitors, on the other hand, have low ESR and
ESL contributions at the switching frequency, and the capacitive impedance component dominates. However,
LV5144
SNVSCJ1 – AUGUST 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LV5144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com