Electronic Components Datasheet Search
  English  ▼

X  

LM25148 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # LM25148
Description  LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25148 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LM25148 Datasheet HTML 45Page - Texas Instruments LM25148 Datasheet HTML 46Page - Texas Instruments LM25148 Datasheet HTML 47Page - Texas Instruments LM25148 Datasheet HTML 48Page - Texas Instruments LM25148 Datasheet HTML 49Page - Texas Instruments LM25148 Datasheet HTML 50Page - Texas Instruments LM25148 Datasheet HTML 51Page - Texas Instruments LM25148 Datasheet HTML 52Page - Texas Instruments LM25148 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
Q2
Q1
Cin1-4
SW
VIN
GND
GND
0.3mm
vias
L1
L2
L3
L4
Tightly-coupled return path
minimizes power loop impedance
0.15mm
Note
See the Improve High-current DC/DC Regulator Performance for Free with Optimized Power Stage
Layout application brief for more detail.
Figure 9-35. PCB Stack-up Diagram With Low L1-L2 Intra-layer Spacing
www.ti.com
LV5144
SNVSCJ1 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: LV5144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com