Electronic Components Datasheet Search
  English  ▼

X  

LM25148 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LM25148
Description  LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25148 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM25148 Datasheet HTML 28Page - Texas Instruments LM25148 Datasheet HTML 29Page - Texas Instruments LM25148 Datasheet HTML 30Page - Texas Instruments LM25148 Datasheet HTML 31Page - Texas Instruments LM25148 Datasheet HTML 32Page - Texas Instruments LM25148 Datasheet HTML 33Page - Texas Instruments LM25148 Datasheet HTML 34Page - Texas Instruments LM25148 Datasheet HTML 35Page - Texas Instruments LM25148 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
associated with the output LC filter and a zero related to the ESR of the output capacitor. The DC (and low
frequency) gain of the modulator and power stage is VIN/VRAMP. The gain from COMP to the average voltage at
the input of the LC filter is held essentially constant by the PWM line feedforward feature of the LV5144 (15 V/V
or 23.5 dB).
Complete expressions for small-signal frequency analysis are presented in Table 9-3. The transfer functions are
denoted in normalized form. While the loop gain is of primary importance, a regulator is not specified directly
by its loop gain but by its performance related characteristics, namely closed-loop output impedance and audio
susceptibility.
Table 9-3. Buck Regulator Small-Signal Analysis
TRANSFER FUNCTION
EXPRESSION
Open-loop transfer function
comp
o
v
c
vd
M
o
comp
Ö
Öv
(s) Öv (s)
d(s)
T (s)
G (s) G (s) F
Ö
Ö
Ö
v (s)
v
(s)
d(s)
˜
˜
˜
˜
Duty-cycle-to-output transfer function
in
o
o
vd
IN
2
Öv (s) 0
Öi (s) 0
2
s
1
Öv (s)
G (s)
V
Öd(s)
s
s
1
Z
Z
Z
ESR
o
o
o
Q
Compensator transfer function(1)
1
comp
z2
c
mid
o
p1
p2
s
1
1
Öv
(s)
s
G (s)
K
Öv (s)
s
s
1
1
Z
Z
Z
Z
§
·
§
·
¨
¸
¨
¸
©
¹©
¹
§
·§
·
¨
¸¨
¸
¨
¸¨
¸
©
¹©
¹
z
Modulator transfer function
M
comp
RAMP
Öd(s)
1
F
Öv
(s)
V
(1)
Kmid = RC1/RFB1 is the mid-band gain of the compensator. By expressing one of the compensator zeros in inverted zero format, the
mid-band gain is denoted explicitly.
Figure 9-2 shows the open-loop response gain and phase. The poles and zeros of the system are marked with
x and o symbols, respectively, and a + symbol indicates the crossover frequency. When plotted on a log (dB)
scale, the open-loop gain is effectively the sum of the individual gain components from the modulator, power
stage, and compensator (see Figure 9-3). The open-loop response of the system is measured experimentally by
breaking the loop, injecting a variable-frequency oscillator signal, and recording the ensuing frequency response
using a network analyzer setup.
-40
-20
0
20
40
-180
-135
-90
-45
0
1
10
100
1000
Frequency (kHz)
Loop
Gain
(dB)
Loop
Phase
(°)
Complex
LC Double
Pole
Compensator
Poles
Output
Capacitor
ESR Zero
Crossover
Frequency, fc
Compensator
Zeros
Loop
Phase
Loop
Gain
NM
Figure 9-2. Typical Buck Regulator Loop Gain and Phase With Voltage-Mode Control
LV5144
SNVSCJ1 – AUGUST 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LV5144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com