Electronic Components Datasheet Search
  English  ▼

X  

LM25148 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM25148
Description  LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25148 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM25148 Datasheet HTML 7Page - Texas Instruments LM25148 Datasheet HTML 8Page - Texas Instruments LM25148 Datasheet HTML 9Page - Texas Instruments LM25148 Datasheet HTML 10Page - Texas Instruments LM25148 Datasheet HTML 11Page - Texas Instruments LM25148 Datasheet HTML 12Page - Texas Instruments LM25148 Datasheet HTML 13Page - Texas Instruments LM25148 Datasheet HTML 14Page - Texas Instruments LM25148 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
7.6 Typical Characteristics
VVIN = 48 V, RRT = 25 kΩ, SYNCIN tied to VCC, EN/UVLO tied to VIN (unless otherwise noted).
Output Current (A)
0
2
4
6
8
10
12
60
65
70
75
80
85
90
95
100
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 48V
VIN = 60V
VIN = 75V
VOUT = 5 V
FSW = 300 kHz
See Figure 9-5
RRT = 33.2 kΩ
Figure 7-1. Efficiency vs Load, CCM
Output Current (A)
0
2
4
6
8
70
75
80
85
90
95
100
VIN = 15V
VIN = 24V
VIN = 36V
VIN = 48V
VIN = 60V
VIN = 75V
VOUT = 12 V
FSW = 400 kHz
See Figure 9-16
RRT = 24.9 kΩ
Figure 7-2. Efficiency vs Load, CCM
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
150
0.792
0.794
0.796
0.798
0.8
0.802
0.804
0.806
0.808
Figure 7-3. FB Voltage vs Junction Temperature
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
150
0
20
40
60
80
100
120
140
160
tOFF(min)
tON(min)
Figure 7-4. tON(min) and tOFF(min) vs Junction Temperature
Input Voltage (V)
0
20
40
60
80
100
0
10
20
30
40
40°C
25°C
125°C
150°C
VSW = 0 V
VEN/UVLO = 0 V
Figure 7-5. IQ-SHD vs Input Voltage
Input Voltage (V)
0
20
40
60
80
100
1.4
1.6
1.8
2
2.2
40°C
25°C
150°C
VSW = 0 V
VEN/UVLO = 1 V
Figure 7-6. IQ-STANDBY vs Input Voltage
www.ti.com
LV5144
SNVSCJ1 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LV5144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com