Electronic Components Datasheet Search
  English  ▼

X  

STB100NF04 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STB100NF04
Description  N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB100NF04 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STB100NF04_07 Datasheet HTML 4Page - STMicroelectronics STB100NF04_07 Datasheet HTML 5Page - STMicroelectronics STB100NF04_07 Datasheet HTML 6Page - STMicroelectronics STB100NF04_07 Datasheet HTML 7Page - STMicroelectronics STB100NF04_07 Datasheet HTML 8Page - STMicroelectronics STB100NF04_07 Datasheet HTML 9Page - STMicroelectronics STB100NF04_07 Datasheet HTML 10Page - STMicroelectronics STB100NF04_07 Datasheet HTML 11Page - STMicroelectronics STB100NF04_07 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical characteristics
STB100NF04 - STP100NF04
8/17
Figure 13. Thermal Resistance Rthj-pcb vs.
PCB Copper Area
Figure 14. Thermal Impedance
Figure 15. Max Power Dissipation vs. PCB
Copper Area
Figure 16. Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com