Electronic Components Datasheet Search
  English  ▼

X  

6901 Datasheet(PDF) 4 Page - 3M Electronics

Part # 6901
Description  3M™ 6901 Multimode ST* Crimplok Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6901 Datasheet(HTML) 4 Page - 3M Electronics

  6901 Datasheet HTML 1Page - 3M Electronics 6901 Datasheet HTML 2Page - 3M Electronics 6901 Datasheet HTML 3Page - 3M Electronics 6901 Datasheet HTML 4Page - 3M Electronics 6901 Datasheet HTML 5Page - 3M Electronics 6901 Datasheet HTML 6Page - 3M Electronics 6901 Datasheet HTML 7Page - 3M Electronics 6901 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
2.3 Temperature Life (Group 0)
Procedure:
Testing is performed on samples after exposure to the Cold Test. Measurements of loss and return loss at 850 nm
and 1310 nm wavelengths are performed at the start and finish of test at 22
°C. The test samples are subjected to
336 hours (14 days) at 60
°C. Additional measurements are made every hour at 60°C during test to monitor
performance.
Sample Size: 10
Results:
LOSS (dB)
Wavelength
Initial Mean
Initial Std. Dev.
Mean During
Std. Dev. During
Mean Final
Std. Dev. Final
850
0.15
0.05
0.20
0.07
0.15
0.04
1310
0.12
0.06
0.18
0.07
0.13
0.05
RETURN LOSS (dB)
Wavelength
Initial Mean
Initial Std. Dev.
Mean During
Std. Dev. During
Mean Final
Std. Dev. Final
850
-31.2
1.90
-30.8
1.81
-31.2
1.97
1310
-31.1
3.22
-30.4
3.59
-30.9
3.42
2.4 Humidity (Group 0)
Procedure:
Testing is performed on samples after exposure to the Temperature Life Test. Measurements of loss and return
loss at 850 nm and 1310 nm wavelengths are performed at the start and finish of the test at 22
°C, and every 15
min. during the test at 40
°C with 90%-95% Relative Humidity.
Sample Size: 10
Results:
LOSS (dB)
Wavelength
Initial Mean
Initial Std. Dev.
Mean During
Std. Dev. During
Mean Final
Std. Dev. Final
850
0.15
0.04
0.14
0.04
0.15
0.04
1310
0.13
0.05
0.12
0.05
0.13
0.05
RETURN LOSS (dB)
Wavelength
Initial Mean
Initial Std. Dev.
Mean During
Std. Dev. During
Mean Final
Std. Dev. Final
850
-30.6
1.80
-30.5
1.84
-30.9
1.84
1310
-30.2
3.61
-30.1
3.51
-30.4
3.51



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com