Electronic Components Datasheet Search
  English  ▼

X  

6901 Datasheet(PDF) 8 Page - 3M Electronics

Part # 6901
Description  3M™ 6901 Multimode ST* Crimplok Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6901 Datasheet(HTML) 8 Page - 3M Electronics

  6901 Datasheet HTML 1Page - 3M Electronics 6901 Datasheet HTML 2Page - 3M Electronics 6901 Datasheet HTML 3Page - 3M Electronics 6901 Datasheet HTML 4Page - 3M Electronics 6901 Datasheet HTML 5Page - 3M Electronics 6901 Datasheet HTML 6Page - 3M Electronics 6901 Datasheet HTML 7Page - 3M Electronics 6901 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Telecom Systems Division
6801 River Place Blvd.
Austin, TX 78726-9000
800/426-8688
Fax 800/626-0329
http://www.3M.com/telecom
Litho in USA
© 3M 1999 80-6110-1442-6 (0692.0) W
Recycled paper
50% pre-consumer
10% post-consumer
5.0 Conclusion
Throughout this test program the 3M™ ST* Crimplok™ fiber optic connector meets or exceeds all targeted
performance requirements. The excellent test results demonstrate the low insertion loss, environmental stability
and physical robustness of this optical fiber termination method, helping ensure a reliable voice and/or data
transmission circuit.
For information concerning specific agency approvals please contact your 3M Telecom representative.
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information believed to be reliable,
but the accuracy or completeness is not guaranteed. Before using this product, you must evaluate it and determine if it is suitable for
your intended application. You assume all risks and liability associated with such use. Any statements related to the product which are
not contained in 3M’s current publications, or any contrary statements contained on your purchase order shall have no force or effect
unless expressly set forth in a written agreement signed by an authorized officer of 3M.
Warranty and Limited Remedy
This product will be free from defects in material and manufacture for a period of one year from the date of purchase. 3M MAKES NO
OTHER WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A
PARTICULAR PURPOSE. If this product is defective within the warranty period stated above, your exclusive remedy shall be, at 3M’s
option, to replace or repair the 3M product or refund the purchase price of the 3M product.
Limitation of Liability
Except where prohibited by law, 3M will not be liable for any loss or damage arising from this 3M product, whether direct, indirect, special,
incidental or consequential regardless of the legal theory asserted.
ST* is a trademark of Lucent Technologies



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com