Electronic Components Datasheet Search
  English  ▼

X  

6901 Datasheet(PDF) 6 Page - 3M Electronics

Part # 6901
Description  3M™ 6901 Multimode ST* Crimplok Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6901 Datasheet(HTML) 6 Page - 3M Electronics

  6901 Datasheet HTML 1Page - 3M Electronics 6901 Datasheet HTML 2Page - 3M Electronics 6901 Datasheet HTML 3Page - 3M Electronics 6901 Datasheet HTML 4Page - 3M Electronics 6901 Datasheet HTML 5Page - 3M Electronics 6901 Datasheet HTML 6Page - 3M Electronics 6901 Datasheet HTML 7Page - 3M Electronics 6901 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
3.4 Cable Retention
Procedure:
Testing was performed on samples subjected to Twist Test. A coupling was secured to the traversing stage of an
Instron tensile tester. At 0.3 m from the coupling/connector, the cable was secured to the stationary base by
wrapping the cable 3 times around a 3" mandrel. A load of 15 lbs. @ 0
° is applied to the connector for 5 seconds,
then released. Additional testing was performed after the first cable Retention Test in the same manner, but with 4.5
lbs. @ 90
°. Values for Insertion Loss and Return Loss are measured 10 seconds after releasing the load.
Sample Size: 10
Results:
(Cable Retention 15 lbs. @ 0
°)
Loss (dB)
Return Loss (dB)
Wavelength
Mean
Std. Dev.
Mean
Std. Dev.
850
0.15
0.07
-24.0
1.25
1310
0.10
0.06
-26.1
1.56
(Cable Retention 4.5 lbs. @ 90
°)
Loss (dB)
Return Loss (dB)
Wavelength
Mean
Std. Dev.
Mean
Std. Dev.
850
0.17
0.07
-23.6
1.12
1310
0.11
0.05
-26.0
1.77
4.0 Mechanical Tests (Group 2)
4.1 Vibration
Procedure:
Ten samples from group 2 were subjected to a vibration test from 10 to 55 Hz, 1.5 mm p-p amplitude. The
samples were attached to the vibration table via a 10 port patch panel. The connectorized samples were tested in
3 axis (X, Y, Z) for 2 hours in each axis, at a sweep rate of 45 Hz per minute.
Sample Size: 10
Results:
LOSS (dB)
RETURN LOSS (dB)
Initial
After Vibration
Wavelength
Mean
Std. Dev.
Mean
Std. Dev.
850
-25.0
1.42
-24.3
1.30
1310
-27.6
1.54
-27.4
1.58
Initial
After Vibration
Wavelength
Mean
Std. Dev.
Mean
Std. Dev.
850
0.12
0.07
0.11
0.07
1310
0.12
0.06
0.10
0.07



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com