Electronic Components Datasheet Search
  English  ▼

X  

6901 Datasheet(PDF) 5 Page - 3M Electronics

Part # 6901
Description  3M™ 6901 Multimode ST* Crimplok Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6901 Datasheet(HTML) 5 Page - 3M Electronics

  6901 Datasheet HTML 1Page - 3M Electronics 6901 Datasheet HTML 2Page - 3M Electronics 6901 Datasheet HTML 3Page - 3M Electronics 6901 Datasheet HTML 4Page - 3M Electronics 6901 Datasheet HTML 5Page - 3M Electronics 6901 Datasheet HTML 6Page - 3M Electronics 6901 Datasheet HTML 7Page - 3M Electronics 6901 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
3.0 Mechanical Tests (Group 1)
3.1 Impact
Procedure:
The connector is placed in the impact test fixture. The connector is raised to the horizontal position and released
in a manner so that it strikes a concrete block. This is repeated 8 times, then cleaned and measured for loss and
return loss. The connector is also inspected for any physical damage.
Sample Size: 10
Results:
Loss (dB)
Return Loss (dB)
Wavelength
Mean
Std. Dev.
Mean
Std. Dev.
850
0.15
0.07
-23.8
1.37
1310
0.11
0.06
-25.9
1.74
3.2 Flex
Procedure:
Testing was performed on samples subjected to the Impact Test. The connector - coupling is mounted onto the
swingarm of the 3M Flex Tester. A 0.5 kg load is attached to the cable 25 cm from the pivot point. The
connector is then cycled through 0
°, +90°, 0°, -90°, 0°, about the center axis of the connector for 100 cycles. At
the completion of the test, the connector is measured for Insertion Loss and Return Loss.
Sample Size: 10
Results:
Loss (dB)
Return Loss (dB)
Wavelength
Mean
Std. Dev.
Mean
Std. Dev.
850
0.16
0.06
-23.6
1.02
1310
0.12
0.06
-26.1
1.50
3.3 Twist
Procedure:
Testing was performed on samples subjected to the Flex Test. The connector - coupling is mounted onto the
swingarm of the 3M Flex Tester and the swingarm is locked in the 0
° position. A 15 N (3.3 lbs.) load is attached
to the cable 25 cm from the pivot point. The weight is rotated about the cable axis 2.5 revolutions in one
direction, reversed for 5 revolutions, and reversed for 5 more revolutions for a total of 10 cycles. At the
completion of the test, the connector is measured for Insertion Loss and Return Loss.
Sample Size: 10
Results:
Loss (dB)
Return Loss (dB)
Wavelength
Mean
Std. Dev.
Mean
Std. Dev.
850
0.15
0.08
-23.8
0.96
1310
0.11
0.05
-26.2
1.46



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com