Electronic Components Datasheet Search
  English  ▼

X  

TMUX8109 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX8109
Description  TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX8109 Datasheet(HTML) 5 Page - Texas Instruments

  TMUX8109 Datasheet HTML 1Page - Texas Instruments TMUX8109 Datasheet HTML 2Page - Texas Instruments TMUX8109 Datasheet HTML 3Page - Texas Instruments TMUX8109 Datasheet HTML 4Page - Texas Instruments TMUX8109 Datasheet HTML 5Page - Texas Instruments TMUX8109 Datasheet HTML 6Page - Texas Instruments TMUX8109 Datasheet HTML 7Page - Texas Instruments TMUX8109 Datasheet HTML 8Page - Texas Instruments TMUX8109 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
7 Specifications
7.1 Absolute Maximum Ratings: TMUX810x Devices
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VDD–VSS
Supply voltage
110
V
VDD
–0.5
110
V
VSS
–110
0.5
V
VAx or VEN
Logic control input pin voltage (Ax, EN)
–0.5
50
V
IAx or IEN
Logic control input pin current (Ax, EN)
–30
30
mA
VS or VD
Source or drain voltage (Sx, D)
VSS–2
VDD+2
V
IDC (CONT)
Source or drain continuous current (Sx, D)
–100
100
mA
IIK (2)
Diode clamp current at 85°C
–100
100
mA
Diode clamp current at 125°C
–15
15
mA
Tstg
Storage temperature
–65
150
°C
TA
Ambient temperature
–55
150
°C
TJ
Junction temperature
150
°C
Ptot (3)
Total power dissipation (TSSOP)
720
mW
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute maximum ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability, functionality,
performance, and shorten the device lifetime.
(2)
Pins are diode-clamped to the power-supply rails. Over voltage signals must be voltage and current limited to maximum ratings.
(3)
For TSSOP package: Ptot derates linearly above TA = 70°C by 10.5 mW/°C
7.2 ESD Ratings
VALUE
UNIT
V(ESD) Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001,
all pins(1)
±2000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC
JS-002, all pins(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
www.ti.com
TMUX8108, TMUX8109
SCDS435B – SEPTEMBER 2021 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMUX8108 TMUX8109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com