Electronic Components Datasheet Search
  English  ▼

X  

DFE201610C Datasheet(PDF) 2 Page - Texas Instruments

Part # DFE201610C
Description  TPS6128xD/E Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DFE201610C Datasheet(HTML) 2 Page - Texas Instruments

  DFE201610C Datasheet HTML 1Page - Texas Instruments DFE201610C Datasheet HTML 2Page - Texas Instruments DFE201610C Datasheet HTML 3Page - Texas Instruments DFE201610C Datasheet HTML 4Page - Texas Instruments DFE201610C Datasheet HTML 5Page - Texas Instruments DFE201610C Datasheet HTML 6Page - Texas Instruments DFE201610C Datasheet HTML 7Page - Texas Instruments DFE201610C Datasheet HTML 8Page - Texas Instruments DFE201610C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Description (continued).................................................. 3
6 Device Comparison Table...............................................3
7 Pin Configuration and Functions...................................4
8 Specifications.................................................................. 6
8.1 Absolute Maximum Ratings........................................ 6
8.2 ESD Ratings............................................................... 6
8.3 Recommended Operating Conditions.........................6
8.4 Thermal Information....................................................7
8.5 Electrical Characteristics.............................................7
8.6 I2C Interface Timing Characteristics(1) ....................... 9
8.7 I2C Timing Diagrams................................................. 11
8.8 Typical Characteristics.............................................. 12
9 Detailed Description......................................................14
9.1 Overview................................................................... 14
9.2 Functional Block Diagram......................................... 16
9.3 Feature Description...................................................17
9.4 Device Functional Modes..........................................18
9.5 Programming............................................................ 25
9.6 Register Maps...........................................................28
10 Application and Implementation................................ 37
10.1 Application Information........................................... 37
10.2 Typical Application.................................................. 38
11 Power Supply Recommendations..............................51
12 Layout...........................................................................52
12.1 Layout Guidelines................................................... 52
12.2 Layout Example...................................................... 52
12.3 Thermal Information................................................53
13 Device and Documentation Support..........................54
13.1 Device Support....................................................... 54
13.2 Receiving Notification of Documentation Updates..54
13.3 Support Resources................................................. 54
13.4 Trademarks.............................................................54
13.5 Electrostatic Discharge Caution..............................54
13.6 Glossary..................................................................54
14 Mechanical, Packaging, and Orderable
Information.................................................................... 55
14.1 Package Summary..................................................55
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (August 2018) to Revision B (June 2023)
Page
• TPS61280E initial release ................................................................................................................................. 1
Changes from Revision * (January 2018) to Revision A (August 2018)
Page
• Added From: Product Preview To: Production data............................................................................................1
• Changed devices TPS61281D and TPS61282D From: Product Preview To: Production data.......................... 1
• Changed the TPS61280D pin configuration....................................................................................................... 4
TPS61280D, TPS61281D, TPS61282D,, TPS61280E
SLVSEA0B – JANUARY 2018 – REVISED JUNE 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS61280D TPS61281D TPS61282D, TPS61280E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com