Electronic Components Datasheet Search
  English  ▼

X  

DFE201610C Datasheet(PDF) 24 Page - Texas Instruments

Part # DFE201610C
Description  TPS6128xD/E Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DFE201610C Datasheet(HTML) 24 Page - Texas Instruments

Back Button DFE201610C Datasheet HTML 20Page - Texas Instruments DFE201610C Datasheet HTML 21Page - Texas Instruments DFE201610C Datasheet HTML 22Page - Texas Instruments DFE201610C Datasheet HTML 23Page - Texas Instruments DFE201610C Datasheet HTML 24Page - Texas Instruments DFE201610C Datasheet HTML 25Page - Texas Instruments DFE201610C Datasheet HTML 26Page - Texas Instruments DFE201610C Datasheet HTML 27Page - Texas Instruments DFE201610C Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
9.4.7 Thermal Shutdown
As soon as the junction temperature, TJ, exceeds 160°C (typ.) the device goes into thermal shutdown. In this
mode the bypass, high-side and low-side MOSFETs are turned-off. When the junction temperature falls below
the thermal shutdown minus its hysteresis, the device continuous the operation.
9.4.8 Fault State and Power-Good
The TPS6128xD/E enters the fault state under any of the followings conditions:
• The output voltage fails to achieve the required level during a start-up phase.
• The output voltage falls out of regulation (in pre-charge mode).
• The device has entered thermal shutdown.
Once a fault is triggered, the regulator stops operating and disconnects the load. After waiting 1ms, the device
attempts to restart. The TPS61280D device can be configured to signal a fault condition by pulling the open-
drain GPIO pin (nFAULT) low for a short period of time. The nFAULT output provides a falling edge triggered
interrupt signal to the host. To ensure proper operation, the GPIO port needs to be pull high quick enough, that
is, faster than ca. 200ns. To do so, it is recommended to use a GPIO pull-up resistor in the range of 1kΩ to
10kΩ.
The TPS6128xD/E (simple logic I/F version) device only provide a power-good output (PG) for signaling the
system when the regulator has successfully completed start-up and no faults have occurred. Power-good also
functions as an early warning flag for excessive die temperature and overload conditions.
• PG is asserted high when the start-up sequence is successfully completed.
• PG is pulled low when the output voltage falls approximately 10% below its regulation level or the die
temperature exceeds 115°C. PG is re-asserted high when the device cools below ca. 100°C.
• Any fault condition causes PG to be de-asserted.
• PG is pulled high when the device is operating in forced pass-through mode (that is, nBYP = L).
• PG is pulled high when the device is in shutdown mode.
TPS61280D, TPS61281D, TPS61282D,, TPS61280E
SLVSEA0B – JANUARY 2018 – REVISED JUNE 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS61280D TPS61281D TPS61282D, TPS61280E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com