Electronic Components Datasheet Search
  English  ▼

X  

DFE201610C Datasheet(PDF) 39 Page - Texas Instruments

Part # DFE201610C
Description  TPS6128xD/E Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DFE201610C Datasheet(HTML) 39 Page - Texas Instruments

Back Button DFE201610C Datasheet HTML 35Page - Texas Instruments DFE201610C Datasheet HTML 36Page - Texas Instruments DFE201610C Datasheet HTML 37Page - Texas Instruments DFE201610C Datasheet HTML 38Page - Texas Instruments DFE201610C Datasheet HTML 39Page - Texas Instruments DFE201610C Datasheet HTML 40Page - Texas Instruments DFE201610C Datasheet HTML 41Page - Texas Instruments DFE201610C Datasheet HTML 42Page - Texas Instruments DFE201610C Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
Table 10-1. Design Parameters (continued)
REFERENCE
DESCRIPTION
SAMPLE VALUES
VOUT
Output voltage range VSEL = High
VOUT= 3.35 V if VIN ≤ 3.35 V, VOUT = VIN if VIN > 3.35 V
IOUT
Output current
1500mA
10.2.1.2 Detailed Design Parameters
10.2.1.2.1 Inductor Selection
A boost converter normally requires two main passive components for storing energy during the conversion, an
inductor and an output capacitor are required. It is advisable to select an inductor with a saturation current rating
higher than the possible peak current flowing through the power switches.
The inductor peak current varies as a function of the load, the input and output voltages and can be estimated
using Equation 8.
OUT
IN
IN
L(PEAK)
OUT
I
V x D
V
I
=
+
with D
1
2 x f x L
(1 D) x
V
=
-
-
h
(8)
Selecting an inductor with insufficient saturation performance can lead to excessive peak current in the
converter. This could eventually harm the device and reduce it's reliability.
When selecting the inductor, as well as the inductance, parameters of importance are: maximum current
rating, series resistance, and operating temperature. The inductor DC current rating should be greater than
the maximum input average current, refer to Equation 9 and the Section 9.4.4 section for more details.
OUT
L(DC)
OUT
IN
V
1
I
=
x
x I
V
h
(9)
The TPS6128xD series of step-up converters have been optimized to operate with a effective inductance in the
range of 200 nH to 800 nH. Larger or smaller inductor values can be used to optimize the performance of the
device for specific operating conditions. For more details, see the Section 10.2.1.2.4 section.
In high-frequency converter applications, the efficiency is essentially affected by the inductor AC resistance (that
is, quality factor) and to a smaller extent by the inductor DCR value. To achieve high efficiency operation, care
should be taken in selecting inductors featuring a quality factor above 25 at the switching frequency. Increasing
the inductor value produces lower RMS currents, but degrades transient response. For a given physical inductor
size, increased inductance usually results in an inductor with lower saturation current.
The total losses of the coil consist of both the losses in the DC resistance, R(DC) , and the following frequency-
dependent components:
• The losses in the core material (magnetic hysteresis loss, especially at high switching frequencies)
• Additional losses in the conductor from the skin effect (current displacement at high frequencies)
• Magnetic field losses of the neighboring windings (proximity effect)
• Radiation losses
For good efficiency, the inductor DC resistance should be less than 30 mΩ. The following inductor series from
different suppliers have been used with the TPS6128xD converters.
Table 10-2. List of Inductors
SERIES
DIMENSIONS (in mm)
DC INPUT CURRENT LIMIT SETTING
DFE252010C
2.5 x 2.0 x 1.0 max. height
≤3000 mA
DFE252012C
2.5 x 2.0 x 1.2 max. height
≤3500 mA
DFR252010C
2.5 x 2.0 x 1.0 max. height
≤3000 mA
DFE252012C
2.5 x 2.0 x 1.2 max. height
≤3500 mA
DFE252012P
2.5 x 2.0 x 1.2 max. height
≤3500 mA
DFE201610C
2.0 x 1.6 x 1.0 max. height
≤2000 mA
www.ti.com
TPS61280D, TPS61281D, TPS61282D,, TPS61280E
SLVSEA0B – JANUARY 2018 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TPS61280D TPS61281D TPS61282D, TPS61280E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com