Electronic Components Datasheet Search
  English  ▼

X  

DFE201610C Datasheet(PDF) 13 Page - Texas Instruments

Part # DFE201610C
Description  TPS6128xD/E Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DFE201610C Datasheet(HTML) 13 Page - Texas Instruments

Back Button DFE201610C Datasheet HTML 9Page - Texas Instruments DFE201610C Datasheet HTML 10Page - Texas Instruments DFE201610C Datasheet HTML 11Page - Texas Instruments DFE201610C Datasheet HTML 12Page - Texas Instruments DFE201610C Datasheet HTML 13Page - Texas Instruments DFE201610C Datasheet HTML 14Page - Texas Instruments DFE201610C Datasheet HTML 15Page - Texas Instruments DFE201610C Datasheet HTML 16Page - Texas Instruments DFE201610C Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
0
1
2
3
4
5
2.3
3.3
4.3
Input Voltage (V)
Tj=25C
Tj=-40
Tj = 85 C
C007
T
J = 30°C
T
J = -40°C
T
J = 85°C
VIN = 2.3 - 4.4 V
VOUT = 4.4 V
VSW = 0 V
EN = Low
Bypass = Low
Figure 8-9. Shutdown Current at Low IQ mode vs
Input Voltage
3
4
5
6
7
8
9
10
11
12
13
2.3
3.3
4.3
Input Voltage (V)
Tj = 25C
Tj = -40
Tj = 85 C
C008
T
J = 30°C
T
J = -40°C
T
J = 85°C
VIN = 2.3 - 4.4 V
VOUT = 4.4 V
VSW = 0 V
EN = Low
Bypass = High
Figure 8-10. Shutdown Current vs Input Voltage
2.0
2.5
3.0
3.5
4.0
4.5
-40
10
60
110
Temperature ( C)
O
TPS61281D
TPS61282D
C009
A.
VIN = 3.2 V
VOUT = 3.5 V
TJ = –40 to 125°C
EN = High
Bypass = High
Figure 8-11. Switch Valley Current Limit:
TPS61281D, TPS61282D vs Input Voltage
1.80
2.00
2.20
-40
-20
0
20
40
60
80
100
120
Junction Temperature (ƒC)
Vin Rising
Vin Falling
C010
V
IN Rising
V
IN Falling
VIN = 3.2 V
VOUT = 3.5 V
TJ = –40 to 125°C
Figure 8-12. VIN UVLO Threshold Rising/Falling vs
Junction Temperature
0.50
0.60
0.70
0.80
0.90
1.00
1.10
-40
-20
0
20
40
60
80
100
120
Junction Temperature (ƒC)
EN Rising
EN Falling
C011
VIN = 3.2 V
VOUT = 3.5 V
TJ = –40 to 125°C
Figure 8-13. EN Logic High Threshold Rising/
Falling vs Junction Temperature
0.50
0.60
0.70
0.80
0.90
1.00
1.10
-40
-20
0
20
40
60
80
100
120
Junction Temperature (ƒC)
nBYP Rising
nBYP Falling
C012
VIN = 3.2 V
TJ = –40 to 125°C
Figure 8-14. BYP Logic High Threshold Rising/
Falling vs Junction Temperature
www.ti.com
TPS61280D, TPS61281D, TPS61282D,, TPS61280E
SLVSEA0B – JANUARY 2018 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS61280D TPS61281D TPS61282D, TPS61280E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com