Electronic Components Datasheet Search
  English  ▼

X  

BLN0 Datasheet(PDF) 7 Page - Alpha & Omega Semiconductors

Part # BLN0
Description  High-Current, High-Performance DrMOS Power Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

BLN0 Datasheet(HTML) 7 Page - Alpha & Omega Semiconductors

Back Button BLN0 Datasheet HTML 3Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 4Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 5Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 6Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 7Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 8Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 9Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 10Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 11Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Rev. 1.2 April 2021
www.aosmd.com
Page 7 of 18
AOZ5311NQI
Notes:
4. All voltages are specified with respect to the corresponding AGND pin.
5. Characterization value. Not tested in production.
Electrical Characteristics(4)
TJ = 0°C to 150°C. Typical values reflect 25°C ambient temperature; VIN = 12V, VOUT = 1V, PVCC = VCC = DISB# = 5V, unless
otherwise specified. Min/Max values are guaranteed by test, design, or statistical correlation.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
ZERO CROSS DETECTION
VZCD
Zero Cross Detect Threshold
SMOD# = L
0.5
mV
tZCD
Zero Cross Detect Blanking Time
SMOD# = L
350
ns
THERMAL NOTIFICATION(5)
TJTHWN
Junction Thermal Threshold
Temperature Rising
150
°C
TJHYST
Junction Thermal Hysteresis
30
°C
VTHWN
THWN Pin Output Low
ITHWN = 0.5mA
60
mV
RTHWN
THWN Pull-Down Resistance
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com