Electronic Components Datasheet Search
  English  ▼

X  

BLN0 Datasheet(PDF) 13 Page - Alpha & Omega Semiconductors

Part # BLN0
Description  High-Current, High-Performance DrMOS Power Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

BLN0 Datasheet(HTML) 13 Page - Alpha & Omega Semiconductors

Back Button BLN0 Datasheet HTML 9Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 10Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 11Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 12Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 13Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 14Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 15Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 16Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 17Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AOZ5311NQI
Rev. 1.
2 April 2021
www.aosmd.com
Page 13 of 18
high-to-low and low-to-high transitions as well as Tri-
State window.
There is a Hold-off Delay between the corresponding
PWM Tri-State signal and the MOSFET gate drivers to
prevent spurious triggering of Tri-State mode which may
be caused by noise or PWM signal glitches. The Hold-off
Delay is typically 25ns.
Table 2. PWM Input and Tri-State Thresholds
Note: See Figure 2 for propagation delays and tri-state window.
Diode Mode Emulation of Low Side MOSFET
(SMOD#)
AOZ5311NQI can be operated in the diode emulation or
pulse skipping mode using SMOD# (Pin 2). This enables
the converter to operate in asynchronous mode during
start up, light load or under pre-bias conditions.
When SMOD# is high, the module will operate in
Continuous Conduction Mode (CCM). The Driver logic
will use the PWM signal and generate both the High-Side
and Low-Side complementary gate drive outputs with
minimal anti-overlap delays to avoid cross conduction.
When SMOD# is low, the module can operate in
Discontinuous Conduction Mode (DCM). The High-Side
MOSFET gate drive output is not affected but Low-Side
MOSFET will enter diode emulation mode. See Table 2
for all truth table for DISB#, SMOD# and PWM inputs.
Gate Drives
AOZ5311NQI has an internal high current high speed
driver that generates the floating gate driver for the High-
Side MOSFET and a complementary driver for the Low-
Side MOSFET. An internal shoot through protection
scheme is implemented to ensure that both MOSFETs
cannot be turned on at the same time. The operation of
PWM signal transition is illustrated as below.
1. PWM from logic Low to logic High
When the falling edge of Low-Side Gate Driver output GL
goes below 1V, the blanking period is activated. After a
pre-determined value (tPDHU), the complementary High-
Side Gate Driver output GH is turned on.
2. PWM from logic High to logic Low
When the falling edge of switching node VSWH goes
below 1V, the blanking period is activated. After a pre-
determined value (tPDHL), the complementary Low-Side
Gate Driver output GL is turned on
This mechanism prevents cross conduction across the
input bus line VIN and PGND. The anti-overlap circuit
monitors the switching node VSWH to ensure a smooth
transition between the two MOSFETs under any load
transient conditions.
Thermal Warning (THWN)
The driver IC temperature is internally monitored and an
thermal warning flag at THWN (Pin 30) is asserted if it
exceeds 150°C. This warning flag is reset when the
temperature drop back to 120°C. THWN is an open drain
output that is pulled to AGND to indicate an over-
temperature condition. It should be connected to VCC
through a resistor for monitoring purpose. The device
will not power down during the over temperature
condition.
PCB Layout Guidelines
AOZ5311NQI is a high current module rated for
operation up to 2MHz. This requires fast switching
speed to keep the switching losses and device
temperatures within limits. An integrated gate driver
within the package eliminates driver-to-MOSFET gate
pad parasitic of the package or on PCB.
To achieve high switching speeds, high levels of slew
rate (dv/dt and di/dt) will be present throughout the
power train which requires careful attention to PCB
layout to minimize voltage spikes and other transients.
As with any synchronous buck converter layout, the
critical requirement is to minimize the path of the primary
switching current loop formed by the High-Side MOSFET,
Low-Side MOSFET, and the input bypass capacitor CIN.
The PCB design is greatly simplified by the optimization
of the AOZ5311NQI pin out. The power inputs of VIN
and PGND are located adjacent to each other and the
input bypass capacitors CIN should be placed as close
as possible to these pins. The area of the secondary
switching loop is formed by Low-Side MOSFET, output
inductor L1, and output capacitor COUT is the next
critical requirement. This requires second layer or “Inner
1” to be the PGND plane. VIAs should then be placed
near PGND pads.
While AOZ5311NQI is a highly efficient module, it is still
dissipating significant amount of heat under high power
conditions. Special attention is required for thermal
design. MOSFETs in the package are directly attached to
individual exposed pads (VIN and PGND) to simplify
thermal management. Both VIN and VSWH pads should
be attached to large areas of PCB copper. Thermal relief
pads should be placed to ensure proper heat dissipation
to the board. An inner power plane layer dedicated to
VIN, typically the high voltage system input, is desirable
and VIAs should be provided near the device to connect
the VIN pads to the power plane. Significant amount of
Thresholds
VPWMH
VPWML
VTRIH
VTRIL
AOZ5311NQI
2.7 V
0.72 V
1.35 V
2.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com