Electronic Components Datasheet Search
  English  ▼

X  

BLN0 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # BLN0
Description  High-Current, High-Performance DrMOS Power Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

BLN0 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  BLN0 Datasheet HTML 1Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 2Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 3Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 4Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 5Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 6Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 7Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 8Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AOZ5311NQI
Rev. 1.
2 April 2021
www.aosmd.com
Page 2 of 18
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/media/AOSGreenPolicy.pdf for additional information.
Pin Configuration
QFN5x5-31L
(Top View)
Part Number
Ambient Temperature Range
Package
Environmental
AOZ5311NQI
-40°C to 125°C
QFN5x5-31L
RoHS
31
30
29
28
27
25
24
1
2
23
3
PWM
22
4
PGND
21
5
10
11
12
13
14
15
SMOD#
VCC
NC
PHASE
VSWH
VSWH
VSWH
VSWH
VIN
GL
33
6
7
8
BOOT
VIN
AGND
20
19
18
17
16 VSWH
VSWH
VSWH
VSWH
9
26
PGND
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com