Electronic Components Datasheet Search
  English  ▼

X  

BLN0 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # BLN0
Description  High-Current, High-Performance DrMOS Power Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

BLN0 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  BLN0 Datasheet HTML 1Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 2Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 3Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 4Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 5Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 6Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 7Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 8Page - Alpha & Omega Semiconductors BLN0 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AOZ5311NQI
Rev. 1.
2 April 2021
www.aosmd.com
Page 5 of 18
Absolute Maximum Ratings
Exceeding the Absolute Maximum ratings may damage the
device.
Notes:
1. Peak voltages can be applied for 10ns per switching cycle.
2. Peak voltages can be applied for 20ns per switching cycle.
3. Devices are inherently ESD sensitive, handling precautions are
required. Human body model rating: 1.5k
 in series with 100pF.
Recommended Operating Conditions
The device is not guaranteed to operate beyond the Maximum
Recommended Operating Conditions.
Parameter
Rating
Low Voltage Supply (VCC, PVCC)
-0.3V to 7V
High Voltage Supply (VIN)
-0.3V to 25V
Control Inputs
(PWM, SMOD#, DISB#)
-0.3V to (VCC+0.3V)
Output (THWN)
-0.3V to (VCC+0.3V)
Bootstrap Voltage DC
(BOOT-PGND)
-0.3V to 28V
Bootstrap Voltage Transient(1)
(BOOT-PGND)
-8V to 30V
Bootstrap Voltage DC
(BOOT-PHASE/VSWH)
-0.3V to 7V
BOOT Voltage Transient(1)
(BOOT-PHASE/VSWH)
-0.3V to 9V
Switch Node Voltage DC
(PHASE/VSWH)
-0.3V to 25V
Switch Node Voltage Transient(1)
(PHASE/VSWH)
-8V to 33V
Low-Side Gate Voltage DC (GL)
(PGND-0.3V) to
(PVCC+0.3V)
Low-Side Gate Voltage
Transient(2) (GL)
(PGND-2.5V) to
(PVCC+0.3V)
VSWH Current DC
55A
VSWH Current 10ms Pulse
80A
VSWH Current 10us Pulse
120A
Storage Temperature (TS)
-65°C to +150°C
Max Junction Temperature (TJ)150°C
ESD Rating(3)
2kV
Parameter
Rating
High Voltage Supply (VIN)
2.5V to 20V
Low Voltage/ MOSFET Driver
Supply (VCC, PVCC)
4.5V to 5.5V
Control Inputs
(PWM, SMOD#, DISB#)
0V to VCC
Output (THWN)
0V to VCC
Operating Frequency
200kHz to 2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com