Electronic Components Datasheet Search
  English  ▼

X  

MAQ430 Datasheet(PDF) 23 Page - MPS Industries, Inc.

Part # MAQ430
Description  12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MAQ430 Datasheet(HTML) 23 Page - MPS Industries, Inc.

Back Button MAQ430 Datasheet HTML 19Page - MPS Industries, Inc. MAQ430 Datasheet HTML 20Page - MPS Industries, Inc. MAQ430 Datasheet HTML 21Page - MPS Industries, Inc. MAQ430 Datasheet HTML 22Page - MPS Industries, Inc. MAQ430 Datasheet HTML 23Page - MPS Industries, Inc. MAQ430 Datasheet HTML 24Page - MPS Industries, Inc. MAQ430 Datasheet HTML 25Page - MPS Industries, Inc. MAQ430 Datasheet HTML 26Page - MPS Industries, Inc. MAQ430 Datasheet HTML 27Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
MAQ430 – 12-BIT, AUTOMOTIVE ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MAQ430 Rev. 1.2
www.MonolithicPower.com
23
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
To read the MGL and MGH flags via the SPI,
send the 8-bit command write to register 27:
command
reg. address
MSB
value
LSB
0
1
0
1 1 0 1 1
0 0 0 0 0 0 0 0
The MAQ430 answers with the register 27
content in the next transmission:
Register 27 [7:0]
MGH MGL
x
x MG1LMG2L x
x
The logic state of the MGL and MGH flags has
no effect on the angle output.
MGL Application Note
Pulses with a duration of about 1.3μs to 1.5μs
appear randomly in the MGL signal. They
appear on both the pin and register values
(Register 27, bit 6).
These pulses appear around angle values of
44, 138, 224, and 318 degrees (sensor output)
or in an interval of ±1.5 degrees around these
values. These pulses have an amplitude of
3.3V (VDD). The minimum interval between two
pulses is 100μs.
MGL Workarounds
1. Invert the MGH signal to replace MGL. The
MGL and MGH magnetic thresholds only
differ by a small hysteresis (see Table 14 on
page 22). An inverted MGH signal can be
used to replace the MGL output in the
application.
2. Read the MGL signal level twice. Using two
readings, which must be between 2µs and
100µs apart, allows the user to distinguish
erroneous from real transitions. Table 15
shows examples of different cases.
3. Read register 27 with the SPI and compute
a corrected MGL value using MG1L and
MG2L. The corrected MGL signal = not
(MG1L OR MG2L). This means that the
corrected MGL must be set to 1 only when
both MG1L and MG2L are equal to 0. See
the C implementation below:
correctedMGL = !(MG1L | MG2L)
Table 15: MGL Multiple Reading Workaround
MGL
First
Reading
MGL Second
Reading (e.g.
20μs After the
First Reading)
True
MGL
Value
Case 1
0
Second reading is
not needed
0
Case 2
1
1
1
Case 3
1
0
0
Front-End Diagnostics
If the thresholds are set correctly, i.e. the
magnetic field is between the MGLT and MGHT
values,
then
register
27
also
provides
diagnostic coverage of the sensor front-end.
Integrity is indicated by the following values in
register 27:
R[7:0]
0
0
0
0
1
1
1
1
ABZ Incremental Encoder Output
The MAQ430 ABZ output emulates a 10-bit
incremental
encoder
(such
as
an
optical
encoder) providing logic pulses in quadrature
(see Figure 22). Compared to signal A, signal B
is shifted by a quarter of the pulse period. Over
one revolution, signal A pulses N times, where
N is programmable from 1 to 256 pulses per
revolution. The number of pulses per channel
per revolution is programmed by setting the
parameter PPT, which consists of eight bits split
between registers 0x4 and 0x5 (see Table 5).
The factory default value is 256. Table 16
describes how to program PPT(7:0) to set the
required resolution.
Table 16: PPT
PPT(7:0)
Pulses per
Turn
Edges per
Turn
00000000
1
4
MIN
00000001
2
8
00000010
3
12
00000011
4
16
…
…
…
…
11111100
253
1012
11111101
254
1016
11111110
255
1020
11111111
256
1024
MAX
For example, to set 120 pulses per revolution
(480 edges), set PPT to 120 - 1 = 119 (binary:
01110111). Registers 4 and 5 must be set as
shown in Table 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com