Electronic Components Datasheet Search
  English  ▼

X  

33167T Datasheet(PDF) 11 Page - ON Semiconductor

Part # 33167T
Description  5.0 A, Step?뭊p/Down/Inverting Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

33167T Datasheet(HTML) 11 Page - ON Semiconductor

Back Button 33167T Datasheet HTML 7Page - ON Semiconductor 33167T Datasheet HTML 8Page - ON Semiconductor 33167T Datasheet HTML 9Page - ON Semiconductor 33167T Datasheet HTML 10Page - ON Semiconductor 33167T Datasheet HTML 11Page - ON Semiconductor 33167T Datasheet HTML 12Page - ON Semiconductor 33167T Datasheet HTML 13Page - ON Semiconductor 33167T Datasheet HTML 14Page - ON Semiconductor 33167T Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MC34167, MC33167
http://onsemi.com
11
4
2
1
5
3
+
CF
RF
R1
1.5 k
CO
2200
VO
28 V/0.9 A
R2
EA
Reference
Thermal
Oscillator
S
R
Q
PWM
UVLO
ILIMIT
Vin
12 V
Cin
330
+
6.8 k
4.7 k
0.47
Q1
D1
1N5825
+
*Gate resistor RG, zener diode D3, and diode D4 are required only when Vin is greater than 20 V.
L
190
mH
*RG
620
D3
1N967A
D2
1N5822
Q2
MTP3055EL
D4
1N4148
+
+
Test
Conditions
Results
Line Regulation
Vin = 10 V to 24 V, IO = 0.9 A
10 mV =
± 0.017%
Load Regulation
Vin = 12 V, IO = 0.1 A to 0.9 A
30 mV =
± 0.053%
Output Ripple
Vin = 12 V, IO = 0.9 A
140 mVpp
Short Circuit Current
Vin = 12 V, RL = 0.1 W
6.0 A
Efficiency
Vin = 12 V, IO = 0.9 A
Vin = 24 V, IO = 0.9 A
80.1%
87.8%
L = Coilcraft M1496−A or General Magnetics Technology GMT−0223, 42 turns of #16 AWG on
Magnetics Inc. 58350−A2 core.
Heatsink = AAVID Engineering Inc.
MC34167: 5903B, or 5930B
MTP3055EL: 5925B
Figure 21 shows that the MC34167 can be configured as a step−up/down converter with the addition of an external power MOSFET. Energy
is stored in the inductor during the ON time of transistors Q1 and Q2. During the OFF time, the energy is transferred, with respect to ground,
to the output filter capacitor and load. This circuit configuration has two significant advantages over the basic step−up converter circuit. The first
advantage is that output short circuit protection is provided by the MC34167, since Q1 is directly in series with Vin and the load. Second, the
output voltage can be programmed to be less than Vin. Notice that during the OFF time, the inductor forward biases diodes D1 and D2, transferring
its energy with respect to ground rather than with respect to Vin. When operating with Vin greater than 20 V, a gate protection network is required
for the MOSFET. The network consists of components RG, D3, and D4.
Figure 21. Step−Up/Down Converter
(Top View)
Vin
VO
CF
RF
R1
+−
+
−
+
+
D3
D2
RG
(Bottom View)
Figure 22. Step−Up/Down Converter Printed Circuit Board and Component Layout
3.45
″



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com