Electronic Components Datasheet Search
  English  ▼

X  

33167T Datasheet(PDF) 2 Page - ON Semiconductor

Part # 33167T
Description  5.0 A, Step?뭊p/Down/Inverting Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

33167T Datasheet(HTML) 2 Page - ON Semiconductor

  33167T Datasheet HTML 1Page - ON Semiconductor 33167T Datasheet HTML 2Page - ON Semiconductor 33167T Datasheet HTML 3Page - ON Semiconductor 33167T Datasheet HTML 4Page - ON Semiconductor 33167T Datasheet HTML 5Page - ON Semiconductor 33167T Datasheet HTML 6Page - ON Semiconductor 33167T Datasheet HTML 7Page - ON Semiconductor 33167T Datasheet HTML 8Page - ON Semiconductor 33167T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MC34167, MC33167
http://onsemi.com
2
MAXIMUM RATINGS (Note 1 and 2)
Rating
Symbol
Value
Unit
Power Supply Input Voltage
VCC
40
V
Switch Output Voltage Range
VO(switch)
−2.0 to + Vin
V
Voltage Feedback and Compensation Input Voltage Range
VFB, VComp
−1.0 to + 7.0
V
Power Dissipation
Case 314A, 314B and 314D (TA = +25°C)
PD
Internally Limited
W
Thermal Resistance, Junction−to−Ambient
qJA
65
°C/W
Thermal Resistance, Junction−to−Case
qJC
5.0
°C/W
Case 936A (D2PAK) (TA = +25°C)
PD
Internally Limited
W
Thermal Resistance, Junction−to−Ambient
qJA
70
°C/W
Thermal Resistance, Junction−to−Case
qJC
5.0
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature (Note 3)
MC34167
MC33167
TA
0 to + 70
− 40 to + 85
°C
Storage Temperature Range
Tstg
− 65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Maximum package power dissipation limits must be observed to prevent thermal shutdown activation.
2. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL−STD−883, Method 3015.
Machine Model Method 200 V.
3. Tlow =0°C for MC34167
Thigh = + 70°C for MC34167
=− 40
°C for MC33167
= + 85
°C for MC33167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com