Electronic Components Datasheet Search
  English  ▼

X  

33167T Datasheet(PDF) 3 Page - ON Semiconductor

Part # 33167T
Description  5.0 A, Step?뭊p/Down/Inverting Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

33167T Datasheet(HTML) 3 Page - ON Semiconductor

  33167T Datasheet HTML 1Page - ON Semiconductor 33167T Datasheet HTML 2Page - ON Semiconductor 33167T Datasheet HTML 3Page - ON Semiconductor 33167T Datasheet HTML 4Page - ON Semiconductor 33167T Datasheet HTML 5Page - ON Semiconductor 33167T Datasheet HTML 6Page - ON Semiconductor 33167T Datasheet HTML 7Page - ON Semiconductor 33167T Datasheet HTML 8Page - ON Semiconductor 33167T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MC34167, MC33167
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 12 V, for typical values TA = +25°C, for min/max values TA is the operating ambient
temperature range that applies (Notes 4, 5), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Frequency (VCC = 7.5 V to 40 V)
TA = +25°C
TA = Tlow to Thigh
fOSC
65
62
72
−
79
81
kHz
ERROR AMPLIFIER
Voltage Feedback Input Threshold
TA =+ 25°C
TA = Tlow to Thigh
VFB(th)
4.95
4.85
5.05
−
5.15
5.20
V
Line Regulation (VCC = 7.5 V to 40 V, TA = +25°C)
Regline
−
0.03
0.078
%/V
Input Bias Current (VFB = VFB(th) + 0.15 V)
IIB
−
0.15
1.0
mA
Power Supply Rejection Ratio (VCC = 10 V to 20 V, f = 120 Hz)
PSRR
60
80
−
dB
Output Voltage Swing
High State (ISource = 75 mA, VFB = 4.5 V)
Low State (ISink = 0.4 mA, VFB = 5.5 V)
VOH
VOL
4.2
−
4.9
1.6
−
1.9
V
PWM COMPARATOR
Duty Cycle (VCC = 20 V)
Maximum (VFB = 0 V)
Minimum (VComp = 1.9 V)
DC(max)
DC(min)
92
0
95
0
100
0
%
SWITCH OUTPUT
Output Voltage Source Saturation (VCC = 7.5 V, ISource = 5.0 A)
Vsat
−
(VCC −1.5)
(VCC −1.8)
V
Off−State Leakage (VCC = 40 V, Pin 2 = GND)
Isw(off)
−
0
100
mA
Current Limit Threshold (VCC = 7.5 V)
Ipk(switch)
5.5
6.5
8.0
A
Switching Times (VCC = 40 V, Ipk = 5.0 A, L = 225 mH, TA = +25°C)
Output Voltage Rise Time
Output Voltage Fall Time
tr
tf
−
−
100
50
200
100
ns
UNDERVOLTAGE LOCKOUT
Startup Threshold (VCC Increasing, TA = +25°C)
Vth(UVLO)
5.5
5.9
6.3
V
Hysteresis (VCC Decreasing, TA = +25°C)
VH(UVLO)
0.6
0.9
1.2
V
TOTAL DEVICE
Power Supply Current (TA = +25°C )
Standby (VCC = 12 V, VComp < 0.15 V)
Operating (VCC = 40 V, Pin 1 = GND for maximum duty cycle)
ICC
−
−
36
40
100
60
mA
mA
4. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
5. Tlow =0°C for MC34167
Thigh = + 70°C for MC34167
=− 40
°C for MC33167
= + 85
°C for MC33167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com