Electronic Components Datasheet Search
  English  ▼

X  

33167T Datasheet(PDF) 13 Page - ON Semiconductor

Part # 33167T
Description  5.0 A, Step?뭊p/Down/Inverting Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

33167T Datasheet(HTML) 13 Page - ON Semiconductor

Back Button 33167T Datasheet HTML 9Page - ON Semiconductor 33167T Datasheet HTML 10Page - ON Semiconductor 33167T Datasheet HTML 11Page - ON Semiconductor 33167T Datasheet HTML 12Page - ON Semiconductor 33167T Datasheet HTML 13Page - ON Semiconductor 33167T Datasheet HTML 14Page - ON Semiconductor 33167T Datasheet HTML 15Page - ON Semiconductor 33167T Datasheet HTML 16Page - ON Semiconductor 33167T Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MC34167, MC33167
http://onsemi.com
13
Figure 25. Triple Output Converter
4
2
1
5
3
+
VO1
5.0 V/3.0 A
EA
Reference
Thermal
Oscillator
S
R
Q
PWM
UVLO
ILIMIT
Vin
24 V
1000
+
6.8 k
68 k
0.1
1N5825
+
1000
1000
+
1000
+
MUR110
MUR110
VO3
−12 V/200 mA
VO2
12 V/250 mA
T1
+
+
Tests
Conditions
Results
Line Regulation
5.0 V
12 V
−12 V
Vin = 15 V to 30 V, IO1 = 3.0 A, IO2 = 250 mA, IO3 = 200 mA
3.0 mV =
± 0.029%
572 mV =
± 2.4%
711 mV =
± 2.9%
Load Regulation
5.0 V
12 V
−12 V
Vin = 24 V, IO1 = 30 mA to 3.0 A, IO2 = 250 mA, IO3 = 200 mA
Vin = 24 V, IO1 = 3.0 A, IO2 = 100 mA to 250 mA, IO3 = 200 mA
Vin = 24 V, IO1 = 3.0 A, IO2 = 250 mA, IO3 = 75 mA to 200 mA
1.0 mV =
± 0.009%
409 mV =
±1.5%
528 mV =
± 2.0%
Output Ripple
5.0 V
12 V
−12 V
Vin = 24 V, IO1 = 3.0 A, IO2 = 250 mA, IO3 = 200 mA
75 mVpp
20 mVpp
20 mVpp
Short Circuit Current
5.0 V
12 V
−12 V
Vin = 24 V, RL = 0.1 W
6.5 A
2.7 A
2.2 A
Efficiency
TOTAL
Vin = 24 V, IO1 = 3.0 A, IO2 = 250 mA, IO3 = 200 mA
84.2%
# TURNS(SEC) +
VO(SEC) ) VF(SEC)
VO(PRI))VF(PRI)
#TURNS(PRI)
Multiple auxiliary outputs can easily be derived by winding secondaries on the main output inductor to form a transformer. The secondaries
must be connected so that the energy is delivered to the auxiliary outputs when the Switch Output turns off. During the OFF time, the voltage
across the primary winding is regulated by the feedback loop, yielding a constant Volts/Turn ratio. The number of turns for any given secondary
voltage can be calculated by the following equation:
T1 = Primary: Coilcraft M1496−A or General Magnetics Technology GMT−0223, 42 turns of #16 AWG on Magnetics Inc. 58350−A2 core.
T1 = Secondary: VO2 − 69 turns of #26 AWG
T1 = Secondary: VO3 − 104 turns of #28 AWG
Heatsink = AAVID Engineering Inc. 5903B, or 5930B.
Note that the 12 V winding is stacked on top of the 5.0 V output. This reduces the number of secondary turns and improves lead regulation. For
best auxiliary regulation, the auxiliary outputs should be less than 33% of the total output power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com