Electronic Components Datasheet Search
  English  ▼

X  

ES9033Q Datasheet(PDF) 54 Page - ESS Technology,Inc

Part # ES9033Q
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033Q Datasheet(HTML) 54 Page - ESS Technology,Inc

Back Button ES9033Q Datasheet HTML 50Page - ESS Technology,Inc ES9033Q Datasheet HTML 51Page - ESS Technology,Inc ES9033Q Datasheet HTML 52Page - ESS Technology,Inc ES9033Q Datasheet HTML 53Page - ESS Technology,Inc ES9033Q Datasheet HTML 54Page - ESS Technology,Inc ES9033Q Datasheet HTML 55Page - ESS Technology,Inc ES9033Q Datasheet HTML 56Page - ESS Technology,Inc ES9033Q Datasheet HTML 57Page - ESS Technology,Inc ES9033Q Datasheet HTML 58Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 103 page
background image
a
0.3.1
ES9033 Datasheet Information
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
54
Register 15: ANALOG CTRL CONFIG
Bits
[7]
[6]
[5]
[4:2]
[1]
[0]
Default
1’d0
1’b1
1’b1
3’b000
1’b0
1’b0
Bits
Mnemonic
Description
[7]
RESERVED
NA
[6]
AMP_PDB_ON_SS
DAC amp power control for soft ramp on normal mute.
•
1’b0: When soft ramped to ground during normal
mute, keeps DAC AMP on
•
1’b1: When soft ramped to ground during normal mute
allow DAC AMP to shut down for power saving
(default)
“normal mute” includes: 54utomate, mute by register, mute by
GPIO
[5]
AMP_PDB_CLK_INVALID
DAC amp power control for soft ramp on abnormal mute.
•
1’b0: When soft ramped to ground during abnormal
mute, keeps DAC AMP on
•
1’b1: When soft ramped to ground during abnormal
mute allow DAC AMP to shut down for power saving
(default)
“abnormal mute” includes: PLL unlock, BCK_WS ratio failed
[4:2]
RESERVED
NA
[1]
LP_DAC_REG
Set the low power mode for DAC regulator (Left)
•
1’b0: Normal Mode
•
1’b1: Low power mode enabled
[0]
EN_FCB
Enable the fast charge for VREF_L AND VREF_R
•
1’b0: Enabled (default)
•
1’b1: Disable fast charge
Register 16: LDRV CTRL
Bits
[7]
[6]
[5:0]
Default
1’b0
1’b0
6’b000011
Bits
Mnemonic
Description
[7]
ENB_OCP_LDRV_CH2
Line driver over current protection
•
1’b0: Enable
•
1’b1: Disable
[6]
ENB_OCP_LDRV_CH1
Line driver over current protection
•
1’b0: Enable
•
1’b1: Disable
[5:0]
RESERVED
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com