Electronic Components Datasheet Search
  English  ▼

X  

ES9033Q Datasheet(PDF) 56 Page - ESS Technology,Inc

Part # ES9033Q
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033Q Datasheet(HTML) 56 Page - ESS Technology,Inc

Back Button ES9033Q Datasheet HTML 52Page - ESS Technology,Inc ES9033Q Datasheet HTML 53Page - ESS Technology,Inc ES9033Q Datasheet HTML 54Page - ESS Technology,Inc ES9033Q Datasheet HTML 55Page - ESS Technology,Inc ES9033Q Datasheet HTML 56Page - ESS Technology,Inc ES9033Q Datasheet HTML 57Page - ESS Technology,Inc ES9033Q Datasheet HTML 58Page - ESS Technology,Inc ES9033Q Datasheet HTML 59Page - ESS Technology,Inc ES9033Q Datasheet HTML 60Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 103 page
background image
a
0.3.1
ES9033 Datasheet Information
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
56
GPIO Registers
Register 24: GPIO CONFIG
Bits
[7]
[6]
[5]
[4]
[3:0]
Default
1’b0
1’b0
1’b0
1’b0
4’d0
Bits
Mnemonic
Description
[7]
INVERT_GPIO1
Invert GPIO1
•
1’b1: Inverts GPIO1 output.
[6]
GPIO1_WK_EN
Enables GPIO1 weak keeper.
•
1’b0: GPIO1 weak keeper disabled (default)
•
1’b1: GPIO1 weak keeper enabled
Note: Weak keeper is a holder that can be optionally set, it
maintains the previous state driver, with the GPIOx_WK_EN
bit.
[5]
GPIO1_SDB
Enables GPIO1 input.
•
1’b0: Disables GPIO1 input (default)
•
1’b1: Enables GPIO1 input
[4]
GPIO1_OE
Enables GPIO1 output.
•
1’b0: Tristate GPIO1 (default)
•
1’b1: GPIO1 Output Enable
[3:0]
GPIO1_CFG
Configures GPIO1
•
4’d0: output 0 – output
•
4’d1: output 0 – output
•
4’d2: output 1 – output
•
4’d3: CLK_DATA – output
•
4’d4: interrupt – output
•
4’d5: mute all channel – input
•
4’d6: system mode control – input
•
4’d7: Reserved
•
4’d8: clk_avalid – output
•
4’d9: output PWM1 – output
•
4’d10: output PWM2 – output
•
4’d11: output PWM3 – output
•
4’d12: volume minimum – output
•
4’d13: 56utomate status – output
•
4’d14: soft ramp done – output
•
4’d15: output 0 – output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com