Electronic Components Datasheet Search
  English  ▼

X  

ES9080 Datasheet(PDF) 43 Page - ESS Technology,Inc

Part # ES9080
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080 Datasheet(HTML) 43 Page - ESS Technology,Inc

Back Button ES9080 Datasheet HTML 39Page - ESS Technology,Inc ES9080 Datasheet HTML 40Page - ESS Technology,Inc ES9080 Datasheet HTML 41Page - ESS Technology,Inc ES9080 Datasheet HTML 42Page - ESS Technology,Inc ES9080 Datasheet HTML 43Page - ESS Technology,Inc ES9080 Datasheet HTML 44Page - ESS Technology,Inc ES9080 Datasheet HTML 45Page - ESS Technology,Inc ES9080 Datasheet HTML 46Page - ESS Technology,Inc ES9080 Datasheet HTML 47Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
43
ES9080 Product Datasheet
0x8D
141
DRE GAIN
CH1/3/5/7
DRE_GAIN1357
0x8E
142
DRE GAIN
CH2/4/6/8
DRE_GAIN2468
0x8F
143
DRE GAIN
CH2/4/6/8
DRE_GAIN2468
0x90
144
DRE ON
THRESHOLD
DRE_ON_THRESH
0x91
145
DRE ON
THRESHOLD
DRE_ON_THRESH
0x92
146
DRE OFF
THRESHOLD
DRE_OFF_THRESH
0x93
147
DRE OFF
THRESHOLD
DRE_OFF_THRESH
0x94
148
DRE DECAY
RATE
DRE_FORCE_L
EVEL
RESERVED
DRE_DECAY_RATE
0x95
149
DC OFFSET
CH1/3/5/7
DC_OFFSET1357
0x96
150
DC OFFSET
CH1/3/5/7
DC_OFFSET1357
0x97
151
DC OFFSET
CH2/4/6/8
DC_OFFSET2468
0x98
152
DC OFFSET
CH2/4/6/8
DC_OFFSET2468
0x99
153
DC RAMP
RATE
DC_RAMP_RATE
0x9A
154
GAIN 18DB
GAIN_18DB_CH
8
GAIN_18DB_CH6
GAIN_18DB_CH
4
GAIN_18DB_CH2
GAIN_18DB_CH7
GAIN_18DB_CH5
GAIN_18DB_
CH3
GAIN_18DB_CH1
0x9B
155
SPDIF1 CS
SPDIF1_CS
0x9C
156
SPDIF1 CS
SPDIF1_CS
0x9D
157
SPDIF1 CS
SPDIF1_CS
0x9E
158
SPDIF1 CS
SPDIF1_CS
0x9F
159
SPDIF1 CS
SPDIF1_CS
0xA0
160
SPDIF2 CS
SPDIF2_CS
0xA1
161
SPDIF2 CS
SPDIF2_CS
0xA2
162
SPDIF2 CS
SPDIF2_CS
0xA3
163
SPDIF2 CS
SPDIF2_CS
0xA4
164
SPDIF2 CS
SPDIF2_CS
0xC0
192
PLL
REGISTER1
AO_SOFT_RES
ET
PLL_SOFT_RESE
T
RESERVED
I2C_ADDR
GPIO1_SDB_
AO
PLL_CLKHV_PHA
SE_INV
0xC1
193
PLL
REGISTER2
PLL_BYP
DVDD_SHUNTB
SEL_1V_DREG
PLL_HVREG_VREF_SEL
SEL_PLL_IN
EN_PLL_CLKIN
0xC2
194
PLL
REGISTER3
RESERVED
AUTO_LOCK_EN
RESERVED
0xC3
195
PLL
REGISTER4
PLL_CP_BIAS_SEL
PLL_ID_SEL
PLL_VCO_FMAX
PLL_VCO_P
DB
PLL_CP_PDB
0xC4
196
RESERVED
RESERVED
0xC5
197
PLL
REGISTER6
PLL_CLK_FB_DIV
0xC6
198
PLL
REGISTER6
PLL_CLK_FB_DIV
0xC7
199
PLL
REGISTER6
PLL_CLK_FB_DIV
0xC8
200
PLL
REGISTER7
PLL_CLK_IN_DIV
PLL_FB_DIV_LOA
D
0xC9
201
PLL
REGISTER7
PLL_CLK_OUT_DIV
PLL_CLK_IN_DIV
0xCA
202
PLL
REGISTER7
PLL_REG_PDB
RESERVED
PLL_LOW_BW
PLL_CLK_OUT_DIV
0xCB
203
PLL
REGISTER8
PLL_VCO_FLIMIT_CTRL
PLL_DIG_RSTB
PLL_VCO_DIODE_E
N
RESERVED
PLL_RCOSC_EN
0xE0
224
SYS READ
RESERVED
ADDR
RESERVED
0xE1
225
CHIP ID READ
CHIP_ID
0xE2-
0xE4
226-228
RESERVED
RESERVED
0xE5
229
INTERRUPT
STATE
INTERRUPT_STATE
0xE6
230
INTERRUPT
STATE
INTERRUPT_STATE
0xE7
231
INTERRUPT
STATE
INTERRUPT_STATE
0xE8
232
INTERRUPT
STATE
INTERRUPT_STATE
0xE9
233
INTERRUPT
STATE
INTERRUPT_STATE
0xEA
234
INTERRUPT
STATE
INTERRUPT_STATE
0xEB
235
INTERRUPT
SOURCE
INTERRUPT_SOURCES
0xEC
236
INTERRUPT
SOURCE
INTERRUPT_SOURCES
0xED
237
INTERRUPT
SOURCE
INTERRUPT_SOURCES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com