Electronic Components Datasheet Search
  English  ▼

X  

ES9080 Datasheet(PDF) 98 Page - ESS Technology,Inc

Part # ES9080
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080 Datasheet(HTML) 98 Page - ESS Technology,Inc

Back Button ES9080 Datasheet HTML 94Page - ESS Technology,Inc ES9080 Datasheet HTML 95Page - ESS Technology,Inc ES9080 Datasheet HTML 96Page - ESS Technology,Inc ES9080 Datasheet HTML 97Page - ESS Technology,Inc ES9080 Datasheet HTML 98Page - ESS Technology,Inc ES9080 Datasheet HTML 99Page - ESS Technology,Inc ES9080 Datasheet HTML 100Page - ESS Technology,Inc ES9080 Datasheet HTML 101Page - ESS Technology,Inc ES9080 Datasheet HTML 102Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ES9080 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
98
Register 125-124: AUTOMUTE OFF LEVEL
Bits
[15:0]
Default
16'd0
Bits
Mnemonic
Description
[15:0]
AUTOMUTE_OFF_LEVEL
Configures the threshold which the audio must be above
before the automute condition is cleared (cleared
immediately).
Valid from: 16'hFFFF (-42dB) to 16'h0001 (-132dB). Shift right
1 bit corresponds to -6dB.
•
16'h0001: -132dB
•
16'h0003: -126dB
•
16'h3FFF: -54dB
•
16'h7FFF: -48dB
•
16'hFFFF: -42dB
20 ∗ ������������������ (
������������������������������������������������_������������������_������������������������������
216
) − 42 ������������
Register 126: SOFT RAMP CONFIG
Bits
[7:6]
[5]
[4:0]
Default
2'd0
1'b0
5'd2
Bits
Mnemonic
Description
[7:6]
RESERVED
NA
[5]
SOFT_RAMP_TYPE
Sets whether the soft start ramp is linear or quadratic
•
1'b0: Uses a quadratic function for the soft start ramp
(default)
•
1'b1: Uses the standard soft start ramp
[4:0]
SOFT_RAMP_TIME
Sets the amount of time that it takes to perform a soft start
ramp.
This time affects both ramp to ground and ramp to AVCC/2.
Valid from 0 to 20 (inclusive).
������������������������[������] =
4096 ∗ 2(������������������������_������������������������_������������������������+1)
������������������������[������������]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com